Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

T89C5115 Datasheet(PDF) 99 Page - ATMEL Corporation

No. de Pieza. T89C5115
Descripción  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Descarga  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

T89C5115 Datasheet(HTML) 99 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
99
AT89C5115
4128F–8051–05/06
Figure 47. ICC Test Condition, Power-down Mode
Figure 48. Clock Signal Waveform for ICC Tests in Active and Idle Modes
DC Parameters for A/D
Converter
Table 73. DC Parameters for AD Converter in Precision Conversion
Notes:
1. Typicals are based on a limited number of samples and are not guaranteed.
2. With ADC enabled.
VaVcc
RST
XTAL2
XTAL1
VSS
V
CC
ICC
(NC)
VCC
All other pins are disconnected.
VAGND
VCC-0.5V
0.45V
0.7V
CC
0.2VCC-0.1
TCLCH
TCHCL
TCLCH = TCHCL = 5ns.
Symbol Parameter
Min
Typ(1)
Max
Unit Test Conditions
AVin
Analog input voltage
Vss- 0.2
Max Vref
+ 0.6
V
VaVcc
Analog supply voltage
Vref
Vcc
Vcc +
10%
V
Rref(2)
Resistance between Vref and Vss
12
16
24
K
Ω
Vref
Reference voltage
2.40
3.00
V
Rai
Analog input Resistor
400
Ω During sampling
Cai
Analog input Capacitance
60
pF
During sampling
INL
Integral non linearity
1
2
lsb
DNL
Differential non linearity
0.5
1
lsb
OE
Offset error
-2
2
lsb


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn