Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

T89C5115 Datasheet(PDF) 10 Page - ATMEL Corporation

No. de Pieza. T89C5115
Descripción  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Descarga  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

T89C5115 Datasheet(HTML) 10 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
10
AT89C5115
4128F–8051–05/06
SFR Mapping
Tables 3 through Table 11 show the Special Function Registers (SFRs) of the
T89C5115.
Table 2. C51 Core SFRs
Mnemonic
Add
Name
765432
10
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack Pointer
DPL
82h
Data Pointer Low
byte
LSB of DPTR
DPH
83h
Data Pointer High
byte
MSB of DPTR
Table 3. I/O Port SFRs
Mnemonic
Add
Name
765432
10
P1
90h
Port 1
P2
A0h
Port 2 (x2)
P3
B0h
Port 3
P4
C0h
Port 4 (x2)
Table 4. Timers SFRs
Mnemonic
Add
Name
765432
10
TH0
8Ch
Timer/Counter 0 High
byte
TL0
8Ah
Timer/Counter 0 Low
byte
TH1
8Dh
Timer/Counter 1 High
byte
TL1
8Bh
Timer/Counter 1 Low
byte
TH2
CDh
Timer/Counter 2 High
byte
TL2
CCh
Timer/Counter 2 Low
byte
TCON
88h
Timer/Counter 0 and
1 control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and
1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn