Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

T89C5115 Datasheet(PDF) 100 Page - ATMEL Corporation

No. de Pieza. T89C5115
Descripción  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Descarga  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

T89C5115 Datasheet(HTML) 100 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 100 / 113 page
background image
100
AT89C5115
4128F–8051–05/06
AC Parameters
Serial Port Timing - Shift
Register Mode
Table 74. Symbol Description (F = 40 MHz)
Table 76. AC Parameters for a Variable Clock
Symbol
Parameter
TXLXL
Serial port clock cycle time
TQVHX
Output data set-up to clock rising edge
TXHQX
Output data hold after clock rising edge
TXHDX
Input data hold after clock rising edge
TXHDV
Clock rising edge to input data valid
Table 75. AC Parameters for a Fix Clock (F = 40 MHz)
Symbol
Min
Max
Units
TXLXL
300
ns
TQVHX
200
ns
TXHQX
30
ns
TXHDX
0ns
TXHDV
117
ns
Symbol
Type
Standard
Clock
X2 Clock
x parameter
for -M range
Units
TXLXL
Min
12 T
6 T
ns
TQVHX
Min
10 T - x
5 T - x
50
ns
TXHQX
Min
2 T - x
T - x
20
ns
TXHDX
Min
x
x
0
ns
TXHDV
Max
10 T - x
5 T- x
133
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn