Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

T89C5115 Datasheet(PDF) 12 Page - ATMEL Corporation

No. de Pieza. T89C5115
Descripción  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Descarga  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

T89C5115 Datasheet(HTML) 12 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
12
AT89C5115
4128F–8051–05/06
CCAP0L
CCAP1L
EAh
EBh
PCA Compare
Capture Module 0 L
PCA Compare
Capture Module 1 L
CCAP0L7
CCAP1L7
CCAP0L6
CCAP1L6
CCAP0L5
CCAP1L5
CCAP0L4
CCAP1L4
CCAP0L3
CCAP1L3
CCAP0L2
CCAP1L2
CCAP0L1
CCAP1L1
CCAP0L0
CCAP1L0
Table 6. PCA SFRs (Continued)
Mnemonic
Add
Name
765432
10
Table 7. Interrupt SFRs
Mnemonic
Add
Name
765432
10
IEN0
A8h
Interrupt Enable
Control 0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
IEN1
E8h
Interrupt Enable
Control 1
EADC
IPL0
B8h
Interrupt Priority
Control Low 0
PPC
PT2
PS
PT1
PX1
PT0
PX0
IPH0
B7h
Interrupt Priority
Control High 0
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
IPL1
F8h
Interrupt Priority
Control Low 1
PADCL
IPH1
F7h
Interrupt Priority
Control High1
PADCH
Table 8. ADC SFRs
Mnemonic
Add
Name
765432
10
ADCON
F3h
ADC Control
PSIDLE
ADEN
ADEOC
ADSST
SCH2
SCH1
SCH0
ADCF
F6h
ADC Configuration
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
ADCLK
F2h
ADC Clock
PRS4
PRS3
PRS2
PRS1
PRS0
ADDH
F5h
ADC Data High byte
ADAT9
ADAT8
ADAT7
ADAT6
ADAT5
ADAT4
ADAT3
ADAT2
ADDL
F4h
ADC Data Low byte
ADAT1
ADAT0
Table 9. Other SFRs
Mnemonic
Add
Name
765432
10
PCON
87h
Power Control
SMOD1
SMOD0
POF
GF1
GF0
PD
IDL
AUXR1
A2h
Auxiliary Register 1
ENBOOT
GF3
0
DPS
CKCON
8Fh
Clock Control
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
FCON
D1h
Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
EECON
D2h
EEPROM Contol
EEPL3
EEPL2
EEPL1
EEPL0
EEE
EEBUSY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn