Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
T89C5115-SISIM Datasheet(PDF) 72 Page - ATMEL Corporation |
|
T89C5115-SISIM Datasheet(HTML) 72 Page - ATMEL Corporation |
72 / 113 page 72 AT89C5115 4128F–8051–05/06 Figure 32. PCA Timer/Counter The CMOD register includes three additional bits associated with the PCA. • The CIDL bit which allows the PCA to stop during idle mode. • The ECF bit which when set causes an interrupt and the PCA overflow flag CF in CCON register to be set when the PCA timer overflows. The CCON register contains the run control bit for the PCA and the flags for the PCA timer and each module. • The CR bit must be set to run the PCA. The PCA is shut off by clearing this bit. • The CF bit is set when the PCA counter overflows and an interrupt will be generated if the ECF bit in CMOD register is set. The CF bit can only be cleared by software. • The CCF0:1 bits are the flags for the modules (CCF0 for module0...) and are set by hardware when either a match or a capture occurs. These flags also can be cleared by software. CIDL CPS1 CPS0 ECF It CH CL 16-bit up counter To PCA modules FPca/6 FPca/2 T0 OVF P1.2 Idle CMOD 0xD9 CF CR CCON 0xD8 CCF1 CCF0 overflow |
Número de pieza similar - T89C5115-SISIM |
|
Descripción similar - T89C5115-SISIM |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |