Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T89C5115-SISIM Datasheet(PDF) 16 Page - ATMEL Corporation

No. de pieza T89C5115-SISIM
Descripción Electrónicos  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-SISIM Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button T89C5115-SISIM Datasheet HTML 12Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 13Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 14Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 15Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 16Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 17Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 18Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 19Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
16
AT89C5115
4128F–8051–05/06
Figure 4. Mode Switching Waveforms
(1)
Note:
1. In order to prevent any incorrect operation while operating in the X2 Mode, users must be aware that all peripherals using
the clock frequency as a time reference (UART, timers...) will have their time reference divided by 2. For example, a free run-
ning timer generating an interrupt every 20 ms will then generate an interrupt every 10 ms. A UART with a 4800 baud rate
will have a 9600 baud rate.
XTAL2
XTAL1
CPU
clock
X2 bit
X2
Mode
STD
Mode
STD
Mode


Número de pieza similar - T89C5115-SISIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Descripción similar - T89C5115-SISIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
logo
Generalplus Technology ...
GPM8F3132A GENERALPLUS-GPM8F3132A Datasheet
2Mb / 114P
   44-Pin 8-bit Microcontroller with 32/16/8KB Flash Memory
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com