Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA0372DWR2G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza TCA0372DWR2G
Descripción Electrónicos  1.0 A Output Current, Dual Power Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCA0372DWR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button TCA0372DWR2G Datasheet HTML 2Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 3Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 4Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 5Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 6Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 7Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 8Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 9Page - ON Semiconductor TCA0372DWR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TCA0372, TCA0372B
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
TCA0372DW
SOIC−16W
47 Units / Rail
TCA0372DWG
SOIC−16W
(Pb−Free)
47 Units / Rail
TCA0372DWR2
SOIC−16W
1000 Tape & Reel
TCA0372DWR2G
SOIC−16W
(Pb−Free)
1000 Tape & Reel
TCA0372BDWR2
SOIC−16W
1000 Tape & Reel
TCA0372BDWR2G
SOIC−16W
(Pb−Free)
1000 Tape & Reel
TCA0372DP1
PDIP−8
50 Units / Rail
TCA0372DP1G
PDIP−8
(Pb−Free)
50 Units / Rail
TCA0372BDP1
PDIP−8
50 Units / Rail
TCA0372BDP1G
PDIP−8
(Pb−Free)
50 Units / Rail
TCA0372DP2
PDIP−16
25 Units / Rail
TCA0372DP2G
PDIP−16
(Pb−Free)
25 Units / Rail
TCA0372DM2EL
SOEIAJ−16
2500 Tape & Reel
TCA0372DM2ELG
SOEIAJ−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
PDIP−8
DP1 SUFFIX
CASE 626
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
1
8
0372DP1
AWL
YYWW
0372BDP1
AWL
YYWW
PDIP−16
DP2 SUFFIX
CASE 648
1
8
1
16
TCA0372DP2
AWLYYWW
SOIC−16W
DW SUFFIX
CASE 751G
TCA0372DW
AWLYYWW
1
16
SOEIAJ−16
DM2 SUFFIX
CASE 966
TCA0372
ALYW
16
1
TCA0372BDW
AWLYYWW
1
16


Número de pieza similar - TCA0372DWR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
TCA0372DW MOTOROLA-TCA0372DW Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
logo
ON Semiconductor
TCA0372DW ONSEMI-TCA0372DW Datasheet
150Kb / 8P
   Dual Power Operational Amplifier
1999 REV 2
More results

Descripción similar - TCA0372DWR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV0372BDWR2G ONSEMI-NCV0372BDWR2G Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
NCS2372 ONSEMI-NCS2372 Datasheet
151Kb / 6P
   1.0 A Output Current Dual Power Operational Amplifiers
July, 2013 ??Rev. 1
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5216 MITSUBISHI-M5216 Datasheet
271Kb / 4P
   Dual Large-Current Operational Amplifiers(Dual Power Supply Type)
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com