Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP116 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza TIP116
Descripción Electrónicos  Plastic Medium-Power Complementary Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP116 Datasheet(HTML) 2 Page - ON Semiconductor

  TIP116 Datasheet HTML 1Page - ON Semiconductor TIP116 Datasheet HTML 2Page - ON Semiconductor TIP116 Datasheet HTML 3Page - ON Semiconductor TIP116 Datasheet HTML 4Page - ON Semiconductor TIP116 Datasheet HTML 5Page - ON Semiconductor TIP116 Datasheet HTML 6Page - ON Semiconductor TIP116 Datasheet HTML 7Page - ON Semiconductor TIP116 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
TIP110,
TIP115
TIP111,
TIP116
TIP112,
TIP117
Unit
Collector−Emitter Voltage
VCEO
60
80
100
Vdc
Collector−Base Voltage
VCB
60
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
− Peak
IC
2.0
4.0
Adc
Base Current
IB
50
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
50
0.4
W
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
W
W/
_C
Unclamped Inductive Load Energy − Figure 13
E
25
mJ
Operating and Storage Junction
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.5
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ORDERING INFORMATION
Device
Package
Shipping
TIP110
TO−220
50 Units / Rail
TIP110G
TO−220
(Pb−Free)
50 Units / Rail
TIP111
TO−220
50 Units / Rail
TIP111G
TO−220
(Pb−Free)
50 Units / Rail
TIP112
TO−220
50 Units / Rail
TIP112G
TO−220
(Pb−Free)
50 Units / Rail
TIP115
TO−220
50 Units / Rail
TIP115G
TO−220
(Pb−Free)
50 Units / Rail
TIP116
TO−220
50 Units / Rail
TIP116G
TO−220
(Pb−Free)
50 Units / Rail
TIP117
TO−220
50 Units / Rail
TIP117G
TO−220
(Pb−Free)
50 Units / Rail


Número de pieza similar - TIP116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
TIP116 MOSPEC-TIP116 Datasheet
146Kb / 3P
   POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Micro Commercial Compon...
TIP116 MCC-TIP116 Datasheet
169Kb / 1P
   PNP Epitaxial Silicon Darlington Transistors
logo
Motorola, Inc
TIP116 MOTOROLA-TIP116 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
TIP116 MCC-TIP116 Datasheet
378Kb / 2P
   PNP Epitaxial Silicon Darlington Transistors
logo
ON Semiconductor
TIP116 ONSEMI-TIP116 Datasheet
269Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
REV 1
More results

Descripción similar - TIP116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com