Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX84J Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BZX84J
Descripción Electrónicos  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84J Datasheet(HTML) 4 Page - NXP Semiconductors

  BZX84J Datasheet HTML 1Page - NXP Semiconductors BZX84J Datasheet HTML 2Page - NXP Semiconductors BZX84J Datasheet HTML 3Page - NXP Semiconductors BZX84J Datasheet HTML 4Page - NXP Semiconductors BZX84J Datasheet HTML 5Page - NXP Semiconductors BZX84J Datasheet HTML 6Page - NXP Semiconductors BZX84J Datasheet HTML 7Page - NXP Semiconductors BZX84J Datasheet HTML 8Page - NXP Semiconductors BZX84J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BZX84J_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 March 2007
4 of 12
NXP Semiconductors
BZX84J series
Single Zener diodes
Table 8.
Characteristics per type; BZX84J-B2V4 to BZX84J-C24
Tj =25 °C unless otherwise specified.
BZX84J
-xxx
Sel
Working
voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ =1mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Min
Max
Max
Max
2V4
B
2.35
2.45
400
100
50
1
−3.5
0
450
12
C
2.2
2.6
2V7
B
2.65
2.75
450
100
20
1
−3.5
0
440
12
C
2.5
2.9
3V0
B
2.94
3.06
500
95
10
1
−3.5
0
425
12
C
2.8
3.2
3V3
B
3.23
3.37
500
95
5
1
−3.5
0
410
12
C
3.1
3.5
3V6
B
3.53
3.67
500
90
5
1
−3.5
0
390
12
C
3.4
3.8
3V9
B
3.82
3.98
500
90
3
1
−3.5
0
370
12
C
3.7
4.1
4V3
B
4.21
4.39
600
90
3
1
−3.5
0
350
12
C
4
4.6
4V7
B
4.61
4.79
500
80
3
2
−3.5
0.2
325
12
C
4.4
5
5V1
B
5
5.2
480
60
2
2
−2.7
1.2
300
12
C
4.8
5.4
5V6
B
5.49
5.71
400
40
1
2
−2
2.5
275
12
C
5.2
6
6V2
B
6.08
6.32
150
10
3
4
0.4
3.7
250
12
C
5.8
6.6
6V8
B
6.66
6.94
80
15
2
4
1.2
4.5
215
12
C
6.4
7.2
7V5
B
7.35
7.65
80
10
1
5
2.5
5.3
170
4
C
7
7.9
8V2
B
8.04
8.36
80
10
0.7
5
3.2
6.2
150
4
C
7.7
8.7
9V1
B
8.92
9.28
100
10
0.5
6
3.8
7
120
3
C
8.5
9.6
10
B
9.8
10.2
150
10
0.2
7
4.5
8
110
3
C
9.4
10.6
11
B
10.8
11.2
150
10
0.1
8
5.4
9
108
2.5
C
10.4
11.6
12
B
11.8
12.2
150
10
0.1
8
6
10
105
2.5
C
11.4
12.7


Número de pieza similar - BZX84J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
BZX84J-68 LINER-BZX84J-68 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
NXP Semiconductors
BZX84J-B10 NXP-BZX84J-B10 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-B10 NEXPERIA-BZX84J-B10 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
logo
NXP Semiconductors
BZX84J-B11 NXP-BZX84J-B11 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-B11 NEXPERIA-BZX84J-B11 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

Descripción similar - BZX84J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com