Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SY10ELT21L_06 Datasheet(Hoja de datos) 1 Page - Micrel Semiconductor

No. de Pieza. SY10ELT21L_06
Descripción  3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo 

   
 1 page
background image
1
Precision Edge®
SY10ELT21L
SY100ELT21L
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
Q
TTL Output
D, /D
Differential LVPECL Inputs
V
CC
+3.3V Supply
V
BB
Reference Output
GND
Ground
DESCRIPTION
s 3.3V power supply
s 2.0ns typical propagation delay
s Low power
s Differential LVPECL inputs
s 24mA TTL outputs
s Flow-through pinouts
s Available in 8-pin SOIC package
The SY10/100ELT21L are single differential LVPECL-
to-LVTTL translators using a single +3.3V power supply.
Because LVPECL (Low Voltage Positive ECL) levels are
used, only +3.3V and ground are required. The small
outline 8-lead SOIC package and low skew single gate
design make the ELT21L ideal for applications that require
the translation of a clock or data signal where minimal
space, low power, and low cost are critical.
V
BB allows a differential, single-ended, or AC-coupled
interface to the device. If used, the V
BB output should be
bypassed to V
CC with 0.01µF capacitor.
Under open input conditions, the /D will be biased at a
V
CC/2 voltage level and the D input will be pulled to
ground. This condition will force the Q output low to
provide added stability.
The ELT21L is available in both ECL standards: the
10ELT is compatible with positive ECL 10H logic levels,
while the 100ELT is compatible with positive ECL 100K
logic levels.
FEATURES
3.3V DIFFERENTIAL
LVPECL-to-LVTTL
TRANSLATOR
PIN NAMES
Precision Edge®
SY10ELT21L
SY100ELT21L
Rev.: D
Amendment: /0
Issue Date:
March 2006
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NB100ELT23L_073.3V Dual Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT21_063.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor
MC100LVELT22_073.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
MC10EPT20_063.3V LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT23_063.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT24_063.3V LVTTL/LVCMOS to Differential LVECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT26_063.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
NB6L722.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs 1 2 3 4 5 MoreON Semiconductor
MC10EP05_063.3V / 5V ECL 2−Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl