Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AAT1210 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

No. de Pieza. AAT1210
Descripción  High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo 

AAT1210 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Absolute Maximum Ratings1
Recommended Operating Conditions
Symbol
Description
Value
Units
θJA
Thermal Resistance
44
°C/W
PD
Maximum Power Dissipation (TA = 25ºC)
2270
mW
Symbol
Description
Value
Units
VIN, VP
Input Voltage
-0.3 to 6.0
V
SW
Switching Node
20
V
LIN, EN/SET,
Maximum Rating
VIN + 0.3
V
SEL, FB1, FB2
TJ
Operating Temperature Range
-40 to 150
°C
TS
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT1210
High Power DC/DC Boost Converter
with Optional Dynamic Voltage Programming
1210.2007.02.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn