Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AAT1210 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

No. de Pieza. AAT1210
Descripción  High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo 

AAT1210 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Characteristics1
VIN = 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
SEL, EN/SET
VSEL(L)
SEL Threshold Low
VIN = 2.7V
0.4
V
VSEL(H)
SEL Threshold High
VIN = 5.5V
1.4
V
VEN/SET(L)
Enable Threshold Low
VIN = 2.7V
0.4
V
VEN/SET(H)
Enable Threshold High
VIN = 5.5V
1.4
V
TEN/SET LO
EN/SET Low Time
0.3
75
µs
TEN/SET HI MIN
Minimum EN/SET High Time
50
ns
TEN/SET HI MAX
Maximum EN/SET High Time
75
µs
TOFF
EN/SET Off Timeout
500
µs
TLAT
EN/SET Latch Timeout
500
µs
IEN/SET
EN/SET Input Leakage
-1
1
µA
AAT1210
High Power DC/DC Boost Converter
with Optional Dynamic Voltage Programming
1210.2007.02.1.2
5
1. Specifications over the -40°C to +85°C operating temperature range are assured by design, characterization and correlation with sta-
tistical process controls.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn