Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AAT1210 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

No. de pieza AAT1210
Descripción Electrónicos  High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1210 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1210 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Typical Characteristics
Soft Start
(VIN = 3.6V; CIN = 2.2µF; IOUT = 100mA; VOUT = 15V)
Time (500µs/div)
-20
-15
-10
-5
0
5
10
15
20
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
1.04V
N-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
40
50
60
70
80
90
100
110
2.5
3
3.5
4
4.5
5
5.5
6
120°C
100°C
85°C
25°C
P-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
100
120
140
160
180
200
220
240
260
280
300
2.5
3
3.5
4
4.5
5
5.5
6
120°C
100°C
85°C
25°C
Line Response
(VOUT = 5V @ 100mA)
Time (100µs/div)
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
2.4
3
3.6
4.2
4.8
5.4
6
6.6
7.2
Line Response
(VOUT = 15V @ 100mA)
Time (100µs/div)
13.5
13.75
14
14.25
14.5
14.75
15
15.25
15.5
2.4
3
3.6
4.2
4.8
5.4
6
6.6
7.2
Load Transient Response
(VIN = 3.6V; VOUT = 12V; IOUT = 40 to 120mA)
Time (20µs/div)
10.8
11
11.2
11.4
11.6
11.8
12
12.2
12.4
-1
0
1
2
3
4
5
6
7
120mA
40mA
AAT1210
High Power DC/DC Boost Converter
with Optional Dynamic Voltage Programming
1210.2007.02.1.2
9


Número de pieza similar - AAT1210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
AAT1210 SKYWORKS-AAT1210 Datasheet
1Mb / 21P
   High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
June 12, 2012
AAT1210IRN-0.6-T1 SKYWORKS-AAT1210IRN-0.6-T1 Datasheet
1Mb / 21P
   High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
June 12, 2012
More results

Descripción similar - AAT1210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
   Micro-Power Boost DC/DC Converter
G5135 GMT-G5135 Datasheet
114Kb / 1P
   Micro-Power Boost DC/DC Converter
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
   Low Power DC/DC Boost Converter
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
   Low Power DC/DC Boost Converter
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
   28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com