Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AAT3143 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

No. de pieza AAT3143
Descripción Electrónicos  High Efficiency 1X/1.5X/2X Charge Pump with PWM Control for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3143 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3143 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics1
CIN = CCP = C1 = C2 = 1.0µF; TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C,
VIN = 3.5V.
Symbol
Description
Conditions
Min
Typ
Max
Units
Input Power Supply
VIN
Operation Range
2.7
5.5
V
ICC
Operating Current
VD1:D4 = 2.0V, CP = 1X
550
µA
No Load Current, CP = 1.5X
3
5
ISHDN
Shutdown Current
EN/PWM = 0
1
µA
IDX
Output Current Accuracy
IOUT = 20mA, TA = 25°C, VIN = 3.5V
18
20
22
mA
I(D-Match)
Current Matching2
VD1:D4 = 3.6V, VIN = 3.5V
-3
±0.5
3
%
ηCP
Charge Pump Efficiency
VIN = 3.5V, IOUT(TOTAL) = 80mA,
93
%
Measured from IN to CP
Charge Pump Section
FCLK
Clock Frequency
1000
kHz
EN/PWM
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
FPWM
Maximum PWM Frequency
50
kHz
tON(MIN)
Minimum Pulse Width
2
µs
AAT3143
High Efficiency 1X/1.5X/2X Charge Pump with
PWM Control for White LED Applications
4
3143.2006.05.1.0
1. The AAT3143 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Current matching is defined as I(D-Match) = (ID - IAVE)/IAVE.


Número de pieza similar - AAT3143

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT3140 ANALOGICTECH-AAT3140 Datasheet
498Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3140 ANALOGICTECH-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3140ITP-T1 ANALOGICTECH-AAT3140ITP-T1 Datasheet
498Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140ITP-T1 AAT-AAT3140ITP-T1 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Descripción similar - AAT3143

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com