Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB3883 Datasheet(PDF) 13 Page - Fujitsu Component Limited.

No. de pieza MB3883
Descripción Electrónicos  6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3883 Datasheet(HTML) 13 Page - Fujitsu Component Limited.

Back Button MB3883_02 Datasheet HTML 9Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 10Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 11Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 12Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 13Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 14Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 15Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 16Page - Fujitsu Component Limited. MB3883_02 Datasheet HTML 17Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
MB3883
13
(Ta
= +25 °C, VCC = 5 V)
*: Standard design value.
(Continued)
Parameter
Symbol
Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
Threshold voltage
VTH
35, 32, 29, 11, 7 FB
= 1.45 V
1.23
1.25
1.27
V
VT temperature
stability
∆VT/VT 35, 32, 29, 11, 7 Ta = −30 °C to +85 °C
0.5*
%
Input bias current
IB
34, 31, 28, 8
−IN = 0 V
(CH1 to CH3, CH5)
−320 −80
nA
12
−IN = 0 V
(CH4)
−120 −30
nA
Voltage gain
AV
35, 32, 29, 11, 7 DC
60
100
dB
Frequency bandwidth
BW
35, 32, 29, 11, 7 AV
= 0 dB
1.0*
MHz
Output voltage
VOH
35, 32, 29, 11, 7
2.2
2.4
V
VOL
35, 32, 29, 11, 7

50
200
mV
Output source current
ISOURCE 35, 32, 29, 11, 7 FB
= 1.45 V
−2.0 −1.0 mA
Output sink current
ISINK
35, 32, 29, 11, 7 FB
= 1.45 V
70
140
µA
Threshold voltage
VTH
3FB
= 0.55 V
1.24
1.26
1.28
V
VT temperature
stability
∆VT/VT
3Ta
= −30 °C to +85 °C
0.5*
%
Input bias current
IB
4
−IN = 0 V
−100 −20
nA
Voltage gain
AV
3DC
60
75
dB
Frequency bandwidth
BW
3
AV
= 0 dB
1.0*
MHz
Output voltage
VOH
3
1.1
1.3
V
VOL
3

0200
mV
Output source current
ISOURCE
3FB
= 0.55 V
−2.0 −1.0 mA
Output sink current
ISINK
3FB
= 0.55 V
60
120
µA
Input offset voltage
VIO
10
OUT
= 1.25 V
−10
0
10
mV
Input bias current
IB
9
−IN = 0 V
−120 −30
nA
Voltage gain
AV
10
DC
60
100
dB
Frequency bandwidth
BW
10
AV
= 0 dB
1.0*
MHz
Output voltage
VOH
10
2.2
2.4
V
VOL
10

50
200
mV
Output source current
ISOURCE
10
OUT
= 1.25 V
−2.0 −1.0 mA
Output sink current
ISINK
10
OUT
= 1.25 V
70
140
µA


Número de pieza similar - MB3883_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB3883PFV FUJITSU-MB3883PFV Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883PV FUJITSU-MB3883PV Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Descripción similar - MB3883_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433_15 Datasheet
243Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Fujitsu Component Limit...
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com