Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SY55855V Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
SY55855V Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 8 page 5 SuperLite™ SY55855V Micrel, Inc. M9999-110705 hbwhelp@micrel.com or (408) 955-1690 T A = –40°CTA = +25°CTA = +85°C Symbol Parameter Min. Max. Min. Typ. Max. Min. Max. Unit V CC Power Supply Voltage 3.0 5.7 3.0 — 5.7 3.0 5.7 V I CC Power Supply Current mA 3.6V <V CC <5.7V — 80 —— 80 — 80 V CC ≤3.6V — 50 — 30 50 — 50 DC ELECTRICAL CHARACTERISTICS V CC = 3.0V to 5.7V; GND = 0V; TA = –40°C to +85°C (2) Symbol Rating Value Unit V CC Power Supply Voltage –0.5 to +6.0 V V IN Input Voltage –0.5 to V CC +0.5 V I OUT LVDS Output Current ±10% mA T A Operating Temperature Range –40 to +85 °C T LEAD Lead Temperature (soldering, 20sec.) 260 °C T store Storage Temperature Range –65 to +150 °C Note 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS(1) Symbol Parameter Min. Typ. Max. Unit Condition V OD Differential Output Voltage(4) 250 — 450 mV 100 Ω Termination V OCM Output Common Mode 1.125 — 1.375 V Voltage(3) ∆V OCM Change in Common Mode –50 — +50 mV Voltage(3) V OH Output HIGH Voltage(4), (5) —— 1.474 V I OH = –4.0mA V OL Output LOW Voltage(4), (5) 0.925 —— VI OL = 4.0mA Note 2. Equilibrium temperature. Note 3. Measured as per Figure 4. Note 4. Measured as per Figure 3. Note 5. Do not short output to GND. LVDS DC ELECTRICAL CHARACTERISTICS V CC = 3.0V to 5.7V; GND = 0V; TA = –40°C to +85°C (2) Symbol Parameter Min. Typ. Max. Unit Condition V ID Differential Input Voltage 100 —— mV V IH Input HIGH Voltage 1.6 — V CC V V IL Input LOW Voltage 1.5 — V CC – 0.1 V CML DC ELECTRICAL CHARACTERISTICS V CC = 3.0V to 5.7V; GND = 0V; TA = –40°C to +85°C (2) |
Número de pieza similar - SY55855V_05 |
|
Descripción similar - SY55855V_05 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |