Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CBT6800 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de Pieza. CBT6800
Descripción  10-bit bus switch with precharged outputs for live insertion
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

CBT6800 Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
CBT6800
10-bit bus switch with precharged outputs
for live insertion
1999 Oct 28
5
AC CHARACTERISTICS
GND = 0 V; CL = 50 pF; tr = tf ≤ 2.5 ns
FROM
TO
LIMITS
SYMBOL
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = +5.0 V ±0.5 V
UNIT
(INPUT)
(OUTPUT)
Min
Max
tpd
Propagation delay1
A or B
B or A
.25
ns
tPZH
TPZL
BIASV = GND
BIASV = 3 V
ON
A or B
2.4
3.0
7.7
8.3
ns
tPHZ
TPLZ
BIASV = GND
BIASV = 3 V
ON
A or B
1.0
3.1
5.3
7.8
ns
NOTE:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0 V
INPUT
1.5V
OUTPUT
tPLH
tPHL
SA00028
1.5V
1.5V
1.5V
3 V
0 V
VOH
VOL
Waveform 1. Waveforms Showing the Input (An) to Output (Yn)
Propagation Delays
Output Control
(Low-level
enabling
1.5 V
tPZH
tPHZ
VOH
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00029
1.5 V
1.5 V
1.5 V
0V
3V
Output
Waveform 1
S1 at 7 V
(see Note)
Note:
Waveform 1 is for an output with internal conditions such that
the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is high except when disabled by the output control.
Output
Waveform 2
S1 at Open
(see Note)
Waveform 2. Waveforms Showing the 3-State Output Enable
and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND
NOTES:
1. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
2. The outputs are measured one at a time with one transition per
measurement.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
PI3C68002.5V/3.3V 2-Port 10-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 5 Pericom Semiconductor Corporation
CBT681010-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
PI3B321603.3V Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
PI3C162153.3V 2-Port 20-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
CBT682020-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
IDT74FST680010-BIT BUS SWITCH WITH PRECHARGED OUTPUTS 1 2 3 4 5 Integrated Device Technology
CBT6832C16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT6832D16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
SN74CBT6800A10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 1 2 3 4 Texas Instruments
CBT6832E16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn