Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SY88904 Datasheet(PDF) 3 Page - Micrel Semiconductor

No. de Pieza. SY88904
Descripción  FIBER OPTIC MODULE CONTROLLER WITH APC
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo 

SY88904 Datasheet(HTML) 3 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88904
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
TX_Disable, LOS
Input Voltage
0 to VCC
V
LOSOC, IPIN SET, ILIMIT SET
Others; I/O Voltage
–0.3V, VCC +0.3V
V
IBIASFB, IBIAS SET
TX_Out
Output Voltage (with 50
Ω load)
VCC –2.5V, VCC +0.3V
V
TA
Operating Temperature Range
0
°C to +85°C
°C
Tstore
Storage Temperature Range
–55
°C to +125°C
°C
Theta Junction to Ambient
93
°C/W
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
ICC
Power Supply Current
60
60
60
mA
No output load
IBIAS
IBIAS Output Current
2
25
2
25
2
25
mA
IBIAS SET
IBIAS SET Input Current
0.625
0.625
0.625
mA
DC ELECTRICAL CHARACTERISTICS
VCC = +5V, RLOAD = 50
Ω to 3V, TA = 0°C to +85°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn