Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55-9V1 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BZX55-9V1
Descripción Electrónicos  Voltage regulator diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX55-9V1 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZX55-9V1 Datasheet HTML 1Page - NXP Semiconductors BZX55-9V1 Datasheet HTML 2Page - NXP Semiconductors BZX55-9V1 Datasheet HTML 3Page - NXP Semiconductors BZX55-9V1 Datasheet HTML 4Page - NXP Semiconductors BZX55-9V1 Datasheet HTML 5Page - NXP Semiconductors BZX55-9V1 Datasheet HTML 6Page - NXP Semiconductors BZX55-9V1 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Apr 26
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX55 series
FEATURES
• Total power dissipation:
max. 500 mW
• Tolerance series: ±5%
• Working voltage range:
nom. 2.4 to 75 V (E24 range)
• Non-repetitive peak reverse power
dissipation: max. 40 W.
APPLICATIONS
• Low voltage stabilizers or voltage
references.
DESCRIPTION
Low-power voltage regulator diodes in hermetically sealed leaded glass
SOD27 (DO-35) packages.
The diodes are available in the normalized E24
±5% tolerance range.
The series consists of 37 types with nominal working voltages from 2.4 to 75 V
(BZX55-C2V4 to BZX55-C75).
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
The diodes are type branded.
handbook, halfpage
MAM239
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Device mounted on a printed circuit-board without metallization pad; lead length max.
2. Tie-point temperature
≤ 50 °C; lead length 8 mm.
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
250
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tj =25 °C prior to surge
see Table
“Per type”
Ptot
total power dissipation
Tamb =50 °C; note 1
400
mW
Tamb =50 °C; note 2
500
mW
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square wave;
Tj =25 °C prior to surge
40
W
tp = 8.3 ms; square wave;
Tj ≤ 150 °C prior to surge
30
W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
200
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; see Fig.4
1.0
V


Número de pieza similar - BZX55-9V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
BZX55-B0V8 GOOD-ARK-BZX55-B0V8 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B10 GOOD-ARK-BZX55-B10 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B100 GOOD-ARK-BZX55-B100 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B11 GOOD-ARK-BZX55-B11 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B110 GOOD-ARK-BZX55-B110 Datasheet
316Kb / 7P
   Zener Diodes
More results

Descripción similar - BZX55-9V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com