Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SY89322V Datasheet(Hoja de datos) 2 Page - Micrel Semiconductor

No. de Pieza. SY89322V
Descripción  3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo 

   
 2 page
background image
2
SY89322V
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
1, 2,
Q0, /Q0,
100k ECL Output
Differential LVPECL Outputs: Default to LOW if IN input left open. See
3, 4
Q1, /Q1
“Output Interface Applications” section for recommendations on terminations.
5
GND,
Ground
GND and exposed pad must be tied to ground plane.
Exposed Pad
6, 7
IN1, IN0
TTL/LVTTL Input
Single-ended TTL Inputs.
8
VCC
Power
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors.
PACKAGE/ORDERING INFORMATION
Q0
/Q0
Q1
LVTTL
/Q1
VCC
IN0
IN1
LVPECL
GND
1
2
3
4
8
7
6
5
8-Pin MLF®
Ultra-Small Outline (2mm ×
×
×
×
× 2mm)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89322VMITR
MLF-8
Industrial
322V
Sn-Pb
SY89322VMGTR(1)
MLF-8
Industrial
322V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Pb-Free package is recommended for new designs.




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SY10EPT20V_055V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
MC100LVELT22_073.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100ELT23_065 V Dual Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
NB100ELT23L_073.3V Dual Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
SY10ELT22L_053.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
MC100LVEL90_06−3.3V / −5V Triple ECL Input to LVPECL Output Translator 1 2 3 4 5 MoreON Semiconductor
SY10ELT22_05DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
SY10ELT23_03DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR 1 2 3 4 Micrel Semiconductor
SY55855V_05DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
MC100LVEL91_063.3 V Triple LVPECL Input to −3.3 V to −5.0 V ECL Output Translator 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl