Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SY89322V Datasheet(Hoja de datos) 3 Page - Micrel Semiconductor

No. de Pieza. SY89322V
Descripción  3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo 

   
 3 page
background image
3
SY89322V
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) .................................. –0.5V to +6.0V
Input Voltage (V
IN) ......................................... –0.5V to VCC
LVPECL Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Input Current
Source or sink current on IN, /IN .......................... ±50mA
Lead Temperature (soldering, 20 sec.) ................... +260°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (V
CC) .................................. +3.0V to +3.6V
............................................................ +4.5V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance(3)
MLF® JA)
Still-Air ................................................................. 93°C/W
500lfpm ............................................................... 87°C/W
MLF® JB)
Junction-to-Board ................................................ 60°C/W
T
A = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply Voltage
3.0
3.6
V
4.5
5.5
V
I
CC
Power Supply Current
25
mA
DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5.0V ±10%; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
V
IL
Input LOW Voltage
0.8
V
I
IH
Input HIGH Current
V
IN = 2.7V
20
µA
V
IN = VCC
100
µA
I
IL
Input LOW Current
V
IN = 0.5V
–0.2
mA
V
IK
Input Clamp Voltage
I
IN = –18mA
–1.2
V
TTL DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5V ±10%; RL = 50Ω to VCC–2V; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH
V
CC–1.080
V
CC–0.880
V
V
OL
Output LOW Voltage
V
CC–1.83
V
CC–1.550
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
PECL DC ELECTRICAL CHARACTERISTICS




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SY10EPT20V_055V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
MC100LVELT22_073.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100ELT23_065 V Dual Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
NB100ELT23L_073.3V Dual Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
SY10ELT22L_053.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
MC100LVEL90_06−3.3V / −5V Triple ECL Input to LVPECL Output Translator 1 2 3 4 5 MoreON Semiconductor
SY10ELT22_05DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
SY10ELT23_03DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR 1 2 3 4 Micrel Semiconductor
SY55855V_05DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
MC100LVEL91_063.3 V Triple LVPECL Input to −3.3 V to −5.0 V ECL Output Translator 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl