Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX284-B75 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BZX284-B75
Descripción Electrónicos  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX284-B75 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZX284-B75 Datasheet HTML 1Page - NXP Semiconductors BZX284-B75 Datasheet HTML 2Page - NXP Semiconductors BZX284-B75 Datasheet HTML 3Page - NXP Semiconductors BZX284-B75 Datasheet HTML 4Page - NXP Semiconductors BZX284-B75 Datasheet HTML 5Page - NXP Semiconductors BZX284-B75 Datasheet HTML 6Page - NXP Semiconductors BZX284-B75 Datasheet HTML 7Page - NXP Semiconductors BZX284-B75 Datasheet HTML 8Page - NXP Semiconductors BZX284-B75 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Table 2
Per type BZX284-B/C27 to B/C75
Tj =25 °C unless otherwise specified.
BZX284-
BorC
XXX
WORKING VOLTAGE
VZ (V)
at IZtest =2mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =2mA
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
Tol.
±2% (B)
Tol.
±5% (C) at IZtest = 0.5 mA at IZtest =2mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
27
26.50
27.50
25.1
28.9
35
250
8
40
23.4
73
1.0
30
29.40
30.60
28.0
32.0
35
250
10
40
26.6
66
1.0
33
32.30
33.70
31.0
35.0
40
275
11
40
29.7
60
0.9
36
35.30
36.70
34.0
38.0
40
300
15
60
33.0
59
0.8
39
38.20
39.80
37.0
41.0
40
300
25
75
36.4
58
0.7
43
42.10
43.90
40.0
46.0
45
325
30
80
41.2
56
0.6
47
46.10
47.90
44.0
50.0
45
325
30
90
46.1
55
0.5
51
50.00
52.00
48.0
54.0
45
350
35
110
51.0
52
0.4
56
54.90
57.10
52.0
60.0
50
375
40
120
57.0
49
0.3
62
60.80
63.20
58.0
66.0
60
400
50
140
64.4
44
0.3
68
66.60
69.40
64.0
72.0
75
400
55
160
71.7
40
0.25
75
73.50
76.50
70.0
79.0
85
400
70
175
80.2
35
0.2


Número de pieza similar - BZX284-B75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BZX284-B75 NEXPERIA-BZX284-B75 Datasheet
892Kb / 11P
   Voltage regulator diodes
2002 May 28
More results

Descripción similar - BZX284-B75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com