Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC08F Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza DAC08F
Descripción Electrónicos  8-Bit high-speed multiplying D/A converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08F Datasheet(HTML) 2 Page - NXP Semiconductors

  DAC08F Datasheet HTML 1Page - NXP Semiconductors DAC08F Datasheet HTML 2Page - NXP Semiconductors DAC08F Datasheet HTML 3Page - NXP Semiconductors DAC08F Datasheet HTML 4Page - NXP Semiconductors DAC08F Datasheet HTML 5Page - NXP Semiconductors DAC08F Datasheet HTML 6Page - NXP Semiconductors DAC08F Datasheet HTML 7Page - NXP Semiconductors DAC08F Datasheet HTML 8Page - NXP Semiconductors DAC08F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
717
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
-55
°C to +125°C
DAC08F
0582B
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
-55
°C to +125°C
DAC08AF
0582B
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC08CN
0406C
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
0 to +70
°C
DAC08CF
0582B
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC08EN
0406C
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
0 to +70
°C
DAC08EF
0582B
16-Pin Plastic Small Outline (SO) Package
0 to +70
°C
DAC08ED
0005D
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC08HN
0406C
BLOCK DIAGRAM
BIAS
NETWORK
CURRENT
SWITCHES
MSB
LSB
V+
13
1
5
6
7
8
9
10
11
12
14
15
16
3
4
2
COMP.
V–
REFERENCE
AMPLIFIER
VREF(+)
VREF(–)
B1
VLC
B2
B3
B4
B5
B6
B7
B8
IOUT
+
IOUT
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
V+ to V-
Power supply voltage
36
V
V5-V12
Digital input voltage
V- to V- plus 36V
VLC
Logic threshold control
V- to V+
V0
Applied output voltage
V- to +18
V
I14
Reference current
5.0
mA
V14, V15
Reference amplifier inputs
VEE to VCC
PD
Maximum power dissipation TA=25°C
(still-air)1
F package
1190
mW
N package
1450
mW
D package
1090
mW
TSOLD
Lead soldering temperature (10sec max)
300
°C
TA
Operating temperature range
DAC08, DAC08A
-55 to +125
°C
DAC08C, E, H
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
NOTES:
1. Derate above 25
°C, at the following rates:
F package at 9.5mW/
°C
N package at 11.6mW/
°C
D package at 8.7mW/
°C


Número de pieza similar - DAC08F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08 AD-DAC08 Datasheet
68Kb / 1P
   Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
2/2003
DAC08 AD-DAC08 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
National Semiconductor ...
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results

Descripción similar - DAC08F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com