Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MM3Z2V4B Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de Pieza. MM3Z2V4B
Descripción  Zener Diodes
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

MM3Z2V4B Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Rev. A
Typical Performance Characteristics
Figure 1. Zener current vs. Zener Voltage
Figure 2. Zener current vs. Zener Impedence
Figure 3. MM3Z3V6B
Zener current vs. Zener Voltage
Figure 4. MM3Z6V8C
Zener current vs. Zener Voltage
Figure 5. MM3Z11VB
Zener current vs. Zener Voltage
Figure 6. MM3Z24VB
Zener current vs. Zener Voltage
12
3
4
5
6 7 8 9 10
20
30
0
10
20
30
40
50
MM3Z36VB
MM3Z24VB
T
A
= 25
OC
MM3Z3V6B
MM3Z6V8C
MM3Z11VB
I
Z
- Zener Current, [mA]
0.1
1
10
1
10
100
1000
10000
MM3Z24VB
MM3Z11VB
T
A
= 25
OC
MM3Z36VB
MM3Z3V6B
MM3Z6V8C
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
2.5
3.0
3.5
4.0
4.5
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
6.4
6.6
6.8
7.0
7.2
7.4
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
10.0
10.5
11.0
11.5
12.0
12.5
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
21
22
23
24
25
26
27
28
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn