Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MM3Z2V4B Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de Pieza. MM3Z2V4B
Descripción  Zener Diodes
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

MM3Z2V4B Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Rev. A
March 2007
MM3Z2V4B-MM3Z75VB
Zener Diodes
Features
• Wide Zener Voltage Range Selection, 2.4v To 75v
• VZ Tolerance Selection of ±2% (B Series)
• Very Small and Thin SMD package
• Clip Bonding Construction, Good Thermal Capability
• Matte Tin(Sn) Finish with Nickel(Ni) underplate, Pb Free
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
* Device mounted on N/A PCB with N/A
Electrical Characteritics T
amb = 25°C unless otherwise specified
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
IZM
Maximum Regulator Current
PD/VZ
mA
Symbol
Parameter
Value
Unit
RθJA
Thermal Resistance, Junction to Ambient
595
°C/W
Symbol
Parameter/ Test condition
Min.
Typ.
Max.
Unit
VF
Forward Voltage / IF=10mA
--
--
1.0
V
Device Marking
Device
Package
Packing
Reel Size
Tape Width
Quantity
Refer to
Product table list
Refer to
Product table list
SOD-323F
Tape & Reel
7’
12mm
3,000
Connection Diagram
2
1
SOD-323F
2
1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn