Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MMSZ4686 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de Pieza. MMSZ4686
Descripción  Half watt, General purpose, Medium Current Surface Mount Zener
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

MMSZ4686 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2003 Fairchild Semiconductor Corporation
MMSZ4692, Rev. A
Absolute Maximum Ratings (note 1) T
A=25°C unless otherwise noted
Note 1: These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 2: Voltage change is equal to the difference between VZ at 100µA and VZ at 10µA.
Electrical Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-55 ~ 150
°C
TJ
Maximum Junction Temperature
-55 ~ 150
°C
PD
Total Power Dissipation at 25
°C
Derate above 25
°C
500
6.7
mW
mW/
°C
R
Q
JA
Thermal Resistance Junction to Ambient
340
°C/W
R
Q
JL
Thermal Resistance Junction to Lead
150
°C/W
∆V
Z
Maximum Voltage Change (note 2)
970
mV
Lead Solder Temperature (Max 10 second duration)
260
°C
Nominal Zener Voltage (VZ) at 50µA3.9
V
Symbol
Characteristics
Test Conditions
Min.
Max.
Units
VZ
Zener Voltage
IZT = 50µA D.C
3.71
4.10
V
IR
Reverse Leakage
VR = 2.0V
5.0
µA
VF
Forward Voltage
IF = 10mA
900
mV
∆V
Z
Delta Zener Voltage (Note 2)
IZT = 100µA to 10µA
970
mV
2
1
Top Mark: CN
1: Cathode
2: Anode
MMSZ4686
General Description
Half watt, General purpose, Medium Current Surface
Mount Zener in the SOD-123 package. The SOD-123
package has the same footprint as the glass mini-melf (LL-
34) package & provides a convenient alternative to the
Leadless package.
Features
• Compact surface mount with same footprint as mini-melf
• 500mW rating on FR-4 or FR-5 board.
• Class 3 ESD rating (>16kV) per Human Body Model
Ordering
• 7 inch reel (178mm); 8mm Tape; 3,000 units per reel.


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn