Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MMSZ4697 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de Pieza. MMSZ4697
Descripción  Half watt, General purpose, Medium Current Surface Mount Zener
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

MMSZ4697 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2004 Fairchild Semiconductor Corporation
MMSZ4697, Rev. A
MIN
MAX
MIN
MAX
DIM
(mils)
(mils)
(mm)
(mm)
A
55
71
1.400
1.800
B
100
112
2.550
2.850
C
34.6
46
0.880
1.180
D
141.7
153.5
3.600
3.900
E
----
----
-------
-------
F
21.5
27.5
0.546
0.70
G
0.5
4
0.0135 0.1015
H
12.7
----
0.322
-------
I
3.7
7.7
0.095
0.195
C
A
A
I
D
F
B
H
2
1
SOD-123 LAND PADS
0.91 mm
36 mils
1.2 2 mm
48 mils
0.91 mm
36 mils
4.19 mm
165 mils
2.36 mm
93 mils
SOD-123 PACKAGE
PACKAGE CODE = (D6)
Fairchild Semiconductor's Criteria
G
Actual Size
Corrected March 11, 1998


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn