Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3160 Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza CA3160
Descripción Electrónicos  4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3160 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3160_04 Datasheet HTML 4Page - Intersil Corporation CA3160_04 Datasheet HTML 5Page - Intersil Corporation CA3160_04 Datasheet HTML 6Page - Intersil Corporation CA3160_04 Datasheet HTML 7Page - Intersil Corporation CA3160_04 Datasheet HTML 8Page - Intersil Corporation CA3160_04 Datasheet HTML 9Page - Intersil Corporation CA3160_04 Datasheet HTML 10Page - Intersil Corporation CA3160_04 Datasheet HTML 11Page - Intersil Corporation CA3160_04 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Typical Applications
Voltage Followers
Operational amplifiers with very high input resistances, like
the CA3160, are particularly suited to service as voltage
followers. Figure 3 shows the circuit of a classical voltage
follower, together with pertinent waveforms using the CA3160
in a split-supply configuration.
A voltage follower, operated from a single supply, is shown in
Figure 4 together with related waveforms. This follower circuit
is linear over a wide dynamic range, as illustrated by the
reproduction of the output waveform in Figure 4B with input-
signal ramping. The waveforms in Figure 4C show that the
follower does not lose its input-to-output phase-sense, even
though the input is being swung 7.5V below ground potential.
This unique characteristic is an important attribute in both
operational amplifier and comparator applications. Figure 4C
also shows the manner in which the COS/MOS output stage
permits the output signal to swing down to the negative
supply-rail potential (i.e., ground in the case shown). The
digital-to-analog converter (DAC) circuit, described in the
following section, illustrates the practical use of the CA3160 in
a single supply voltage follower application.
9-Bit CMOS DAC
A typical circuit of a 9-bit Digital-to-Analog Converter (DAC) (see
Note 6) is shown in Figure 5. This system combines the concepts
of multiple-switch CMOS lCs, a low-cost ladder network of
discrete metal-oxide-film resistors, a CA3160 op amp connected
as a follower, and an inexpensive monolithic regulator in a simple
single power-supply arrangement. An additional feature of the
DAC is that it is readily interfaced with CMOS input logic, e.g.,
10V logic levels are used in the circuit of Figure 5.
The circuit uses an R/2R voltage-ladder network, with the output-
potential obtained directly by terminating the ladder arms at
either the positive or the negative power supply terminal. Each
CD4007A contains three inverters, each inverter functioning as a
single-pole double-throw switch to terminate an arm of the R/2R
network at either the positive or negative power-supply terminal.
The resistor ladder is an assembly of 1% tolerance metal-oxide
film resistors. The five arms requiring the highest accuracy are
assembled with series and parallel combinations of 806,000
resistors from the same manufacturing lot.
A single 15V supply provides a positive bus for the CA3160
follower amplifier and feeds the CA3085 voltage regulator. A
“scale-adjust” function is provided by the regulator output control,
set to a nominal 10V level in this system. The line-voltage
regulation (approximately 0.2%) permits a 9-bit accuracy to be
maintained with variations of several volts in the supply. The
flexibility afforded by the CMOS building blocks simplifies the
design of DAC systems tailored to particular needs.
NOTE:
6. “Digital-to-Analog Conversion Using the Intersil CD4007A
COS/MOS lC”, Application Note AN6080.
FIGURE 4A.
FIGURE 4B. OUTPUT WAVEFORM WITH GROUND REFERENCE
SINE WAVE INPUT
FIGURE 4C. OUTPUT SIGNAL WITH INPUT SIGNAL RAMPING
FIGURE 4. SINGLE SUPPLY VOLTAGE FOLLOWER WITH
ASSOCIATED WAVEFORMS. (E.G., FOR USE IN
SINGLE SUPPLY D/A CONVERTER; SEE
FIGURE 9 IN AN6080)
CA3160
6
7
3
4
2
+15V
0.01
µF
10k
+
-
0.1
µF
BW (-3dB) = 4MHz
SR = 10V/
µs
1
5
2k
OFFSET
ADJUST
Top Trace: Output
Bottom Trace: Input
CA3160


Número de pieza similar - CA3160_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3160A INTERSIL-CA3160A Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160AE INTERSIL-CA3160AE Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160E INTERSIL-CA3160E Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160T INTERSIL-CA3160T Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results

Descripción similar - CA3160_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com