Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3304AD Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza CA3304AD
Descripción Electrónicos  4-Bit, 25 MSPS, Flash A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304AD Datasheet(HTML) 2 Page - Intersil Corporation

  CA3304AD Datasheet HTML 1Page - Intersil Corporation CA3304AD Datasheet HTML 2Page - Intersil Corporation CA3304AD Datasheet HTML 3Page - Intersil Corporation CA3304AD Datasheet HTML 4Page - Intersil Corporation CA3304AD Datasheet HTML 5Page - Intersil Corporation CA3304AD Datasheet HTML 6Page - Intersil Corporation CA3304AD Datasheet HTML 7Page - Intersil Corporation CA3304AD Datasheet HTML 8Page - Intersil Corporation CA3304AD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range (VDD or VAA+)
(Voltage Referenced to VSS or VAA- Terminal,
Whichever is More Negative) . . . . . . . . . . . . . . . . . . -0.5V to +8V
Input Voltage Range
CE1, CE2 Inputs . . . . . . . . . . . . . . . . . . . VSS -0.5V to VDD +0.5V
Clock, VREF+, VREF-, VIN Inputs . . . . . VAA- -0.5V to VAA- +0.5V
DC Input Current, Any Input . . . . . . . . . . . . . . . . . . . . . . . . .
±20mA
Operating Conditions
Recommended Supply Voltage Range (VDD or VAA+). . . . .3V to 7.5V
Recommended VAA+ Voltage Range. . . . . . VDD -1V to VDD +2.5V
Recommended VAA- Voltage Range . . . . . . . VSS -2.5V to VSS +1V
Operating Temperature
CA3304D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CA3304E, CA3304M. . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package. . . . . . . . . . . . . . . . . . . .
80
22
PDIP Package . . . . . . . . . . . . . . . . . . . . .
90
N/A
SOIC Package. . . . . . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range (TSTG) . . . -65
oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V
REF+ = 2V, VDD = VAA+ = 5V, VAA- = VREF - = VSS = GND, fCLK = 25MHz
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Resolution
4-
-
Bits
Input Errors
Integral Linearity
Error
CA3304A
-
±0.1
±0.125
LSB
CA3304
-
±0.125
±0.25
LSB
Differential Linearity
Error
CA3304A
-
±0.1
±0.125
LSB
CA3304
-
±0.125
±0.25
LSB
Offset Error
(Unadjusted)
CA3304A
-
-
±0.75
LSB
CA3304
-
-
±1.0
LSB
Gain Error
(Unadjusted)
CA3304A
-
-
±0.75
LSB
CA3304
-
-
±1.0
LSB
DYNAMIC CHARACTERISTICS (Input Signal Level 0.5dB Below Full Scale)
Conversion Timing
Aperture Delay
-
3
-
ns
Signal to Noise Ratio, SNR
RMS Signal
RMS Noise
fS = 25MHz, fIN = 100kHz
-
23.7
-
dB
fS = 25MHz, fIN = 5MHz
-
23.6
-
dB
Signal to Noise Ratio, SINAD
RMS Signal
RMS Noise + Distortion
fS = 25MHz, fIN = 100kHz
-
23.4
-
dB
fS = 25MHz, fIN = 5MHz
-
22.8
-
dB
Total Harmonic Distortion, THD
fS = 25MHz, fIN = 100kHz
-
-34.5
-
dBc
fS = 25MHz, fIN = 5MHz
-
-31.0
-
dBc
Effective Number of Bits, ENOB
fS = 25MHz, fIN = 100kHz
-
3.67
-
Bits
fS = 25MHz, fIN = 5MHz
-
3.57
-
Bits
ANALOG INPUTS
Input Range
Full Scale Input Range
(Notes 1, 4)
0.5
-
VAA
V
Input Loading
Input Capacitance
-
10
-
pF
Input Current
VIN = 2V (Note 2)
-
150
200
µA
=
=
CA3304, CA3304A


Número de pieza similar - CA3304AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3304AD INTERSIL-CA3304AD Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
More results

Descripción similar - CA3304AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com