Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPL9201 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPL9201 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 19 page www.ti.com TPL9201 8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION SLIS123B – JUNE 2006 – REVISED NOVEMBER 2006 PINOUT CONFIGURATION NO. NAME I/O DESCRIPTION 1 ZVS O Zero-voltage synchronization 2 OUT1 O Low-side output 1 3 OUT2 O Low-side output 2 4 OUT3 O Low-side output 3 5 OUT4 O Low-side output 4 6 OUT5 O Low-side output 5 7 OUT6 O Low-side output 6 8 OUT7 O Low-side output 7 9 OUT8 O Low-side output 8 10(1) GND I Ground 11(1) GND I Ground 12 EN1 I Enable/disable for OUT1 13 RDELAY O Power-up reset delay 14(2) RST I/O Power-on reset output (open drain, active low) 15 MOSI I Serial data input 16 NCS I Chip select 17 SCLK I Serial clock for data synchronization 18 5VOUT O Regulated output 19 VIN I Unregulated input voltage source 20 SYN I AC zero detect input (1) Terminals 10 and 11 are fused internally in the lead frame for the 20-pin PDIP package. (2) Terminal 14 can be used as an input or an output. 2 Submit Documentation Feedback |
Número de pieza similar - TPL9201 |
|
Descripción similar - TPL9201 |