Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL7702BMJG Datasheet(PDF) 4 Page - Texas Instruments |
|
TL7702BMJG Datasheet(HTML) 4 Page - Texas Instruments |
4 / 18 page TL7702B, TL7705B, TL7733B SUPPLY-VOLTAGE SUPERVISORS SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC (see Note 1) 20 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI: RESIN –0.3 V to 20 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SENSE –0.3 V to 20 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High-level output current, IOH (RESET) –30 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Low-level output current, IOL (RESET) 30 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 2 and 3):D package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P package 85 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds, TC: FK package 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG or U packages 300 °C . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P packages 260 °C . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to the network ground terminal. 2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 3. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN MAX UNIT VCC Supply voltage 3.6 18 V VIH High-level input voltage RESIN 2 18 V VIL Low-level input voltage RESIN 0 0.8 V VI Input voltage SENSE 0 18 V IOH High-level output current RESET –20 mA IOL Low-level output current RESET 20 mA TL77xxBC 0 70 TA Operating free-air temperature range TL77xxBI –40 85 °C TA O erating free-air tem erature range TL7705BQ –40 125 °C TL7705BM –55 125 The TL7705BM is obsolete and no longer is supplied. |
Número de pieza similar - TL7702BMJG |
|
Descripción similar - TL7702BMJG |