Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC1458DE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
MC1458DE4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 13 page MC1458, MC1558 DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS SLOS069B – FEBRUARY 1971 – REVISED SEPTEMBER 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC± = ±15 V PARAMETER TEST CONDITIONS† MC1458 MC1558 UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VO =0 25 °C 1 6 1 5 mV VIO Input offset voltage VO = 0 Full range 7.5 6 mV IIO Input offset current VO =0 25 °C 20 200 20 200 nA IIO Input offset current VO = 0 Full range 300 500 nA IIB Input bias current VO =0 25 °C 80 500 80 500 nA IIB Input bias current VO = 0 Full range 800 1500 nA VICR Common-mode input 25 °C ±12 ±13 ±12 ±13 V VICR voltage range Full range ±12 ±12 V RL = 10 kΩ 25 °C ±12 ±14 ±12 ±14 VOM Maximum peak output RL ≥ 10 kΩ Full range ±12 ±12 V VOM voltage swing RL = 2 kΩ 25 °C ±10 ±13 ±10 ±13 V RL ≥ 2 kΩ Full range ±10 ±10 AVD Large-signal differential RL ≥ 2kΩ VO = ±10 V 25 °C 20 200 50 200 V/mV AVD gg voltage amplification RL ≥ 2 kΩ, VO = ±10 V Full range 15 25 V/mV BOM Maximum-output-swing bandwidth (closed loop) RL = 2 kΩ, VO ≥ ±10 V, AVD = 1, THD ≥ 5% 25 °C 14 14 kHz B1 Unity-gain bandwidth 25 °C 1 1 MHz φm Phase margin AVD = 1 25 °C 65 65 deg Gain margin 25 °C 11 11 dB ri Input resistance 25 °C 0.3 2 0.3* 2 M Ω ro Output resistance VO = 0, See Note 9 25 °C 75 75 Ω Ci Input capacitance 25 °C 1.4 1.4 pF zic Common-mode input impedance f = 20 Hz 25 °C 200 200 M Ω CMRR Common-mode VIC = VICR min, 25 °C 70 90 70 90 dB CMRR rejection ratio IC ICR , VO = 0 Full range 70 70 dB kSVS Supply-voltage sensitivity VCC = ±9 V to ±15 V, 25 °C 30 150 30 150 µV/V kSVS sensitivity ( ∆VIO/∆VCC) CC , VO = 0 Full range 150 150 µV/V Vn Equivalent input noise voltage (closed loop) AVD = 100, RS = 0, f = 1 kHz, BW = 1 Hz 25 °C 45 45 nV/ √Hz IOS Short-circuit output current 25 °C ±25 ±40 ±25 ±40 mA ICC Supply current VO = 0 No load 25 °C 3.4 5.6 3.4 5 mA ICC y (both amplifiers) VO = 0, No load Full range 6.6 6.6 mA PD Total power dissipation VO = 0 No load 25 °C 100 170 100 150 mW PD (both amplifiers) VO = 0, No load Full range 200 200 mW VO1/VO2 Crosstalk attenuation 25 °C 120 120 dB *On products compliant to MIL-PRF-38535, this parameter is not production tested. † All characteristics are specified under open-loop operating conditions with zero common-mode input voltage, unless otherwise specified. Full range for MC1458 is 0 °C to 70°C and for MC1558 is –55°C to 125°C. NOTE 9: This typical value applies only at frequencies above a few hundred hertz because of the effect of drift and thermal feedback. |
Número de pieza similar - MC1458DE4 |
|
Descripción similar - MC1458DE4 |