Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SLD-1026Z Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

No. de Pieza. SLD-1026Z
Descripción  3 Watt Discrete LDMOS Device Plastic Surface Mount Package
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIRENZA [SIRENZA MICRODEVICES]
Página de inicio  
Logo 

SLD-1026Z Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

 
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SLD-1026Z 3 Watt LDMOS FET
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
4
EDS-104157 Rev F
Preliminary
Typical Performance Curves in 800 MHz Application Circuit
2 Tone Gain, Efficiency, Linearity and IRL vs Frequency
Vdd=28V, Idq=30mA, Pout=3W PEP, Delta F=1 MHz
0
10
20
30
40
50
60
820
840
860
880
900
920
940
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
Gain
Efficiency
IM3
IM5
IM7
IRL
2 Tone Gain, Efficiency, Linearity vs Pout
Vdd=28V, Idq=30mA, Freq=880 MHz, Delta F=1 MHz
0
5
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
3.5
4
Pout (W PEP)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
Gain
Efficiency
IM3
IM5
IM7
CW Gain, Efficiency, IRL vs Frequency
Vdd=28V, Idq=30mA, Pout=3W
0
10
20
30
40
50
60
820
840
860
880
900
920
940
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
Gain
Efficiency
IRL
CW Gain, Efficiency vs Pout
Vdd=28V, Idq=30mA, Freq=880 MHz
17
17.5
18
18.5
19
19.5
20
0
0.5
1
1.5
2
2.5
3
3.5
4
Pout (W)
0
10
20
30
40
50
60
Gain
Efficiency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn