Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SLD-1026Z Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

No. de Pieza. SLD-1026Z
Descripción  3 Watt Discrete LDMOS Device Plastic Surface Mount Package
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIRENZA [SIRENZA MICRODEVICES]
Página de inicio  
Logo 

SLD-1026Z Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SLD-1026Z 3 Watt LDMOS FET
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
5
EDS-104157 Rev F
Preliminary
Typical Performance Curves in 800 MHz Application Circuit
CDMA Gain, Efficiency, ACPR, ALT1 vs Pout
Vdd=28V, Idq=30mA, Freq=880 MHz
0
5
10
15
20
25
30
35
40
45
0.01
0.1
1
Pout (W PEP)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
Gain
Efficiency
ACPR
ALT1
N-CDMA IS-95 (Pilot, Sync, Paging,
Traffic Codes 8 - 13)
0.001
0.01
0.1
1
10
100
012
3456
789
10
Peak-to-Average (dB)
N-CDMA. 1.2288 MHz Channel Bandwidth.
ACPR Measured in 30 KHz Bandwidth @
±750 KHz Offset. ALT1 Measured in 30 KHz
Bandwidth @ ±1980 KHz Offset. PAR = 9.8
CCDF
N-CDMA IS-95 (Pilot, Sync, Paging, Traffic
Codes 8 - 13). Single-Carrier Test Signal
-70
-60
-50
-40
-30
-20
-10
0
10
20
0.876
0.878
0.880
0.882
0.884
Frequency (GHz)
N-CDMA spectrum. Pout= 0.3 W, Vdd=28V, Idq=40mA.
PAR = 9.8 dB @ 0.01% Probability on CCDF
1.2288 MHz Channel BW
ACPR in 30
KHz BW
ACPR in 30
KHz BW
ALT1 in 30
KHz BW
ALT1 in 30
KHz BW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn