Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLD-1026Z Datasheet(PDF) 6 Page - SIRENZA MICRODEVICES

No. de pieza SLD-1026Z
Descripción Electrónicos  3 Watt Discrete LDMOS Device Plastic Surface Mount Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRENZA [SIRENZA MICRODEVICES]
Página de inicio  
Logo SIRENZA - SIRENZA MICRODEVICES

SLD-1026Z Datasheet(HTML) 6 Page - SIRENZA MICRODEVICES

Back Button SLD-1026Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES SLD-1026Z Datasheet HTML 10Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SLD-1026Z 3 Watt LDMOS FET
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
6
EDS-104157 Rev F
Preliminary
Typical Performance Curves in 900 MHz Application Circuit
2 Tone Gain, Efficiency, Linearity and IRL vs Frequency
Vdd=28V, Idq=50mA, Pout=3W PEP, Delta F=1 MHz
0
10
20
30
40
50
60
850
870
890
910
930
950
970
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
Gain
Efficiency
IM3
IM5
IM7
IRL
2 Tone Gain, Efficiency, Linearity vs Pout
Vdd=28V, Idq=50mA, Freq=920 MHz, Delta F=1 MHz
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
2
2.533.5
44.5
Pout (W PEP)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
Gain
Efficiency
IM3
IM5
IM7
CW Gain, Efficiency, IRL vs Frequency
Vdd=28V, Idq=50mA, Pout=3W
0
5
10
15
20
25
30
35
40
45
50
850
870
890
910
930
950
970
Frequency (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Gain
Efficiency
IRL
CW Gain, Efficiency vs Pout
Vdd=28V, Idq=50mA, Freq=920 MHz
18
19
20
21
22
23
24
01
2
3
45
Pout (W)
0
10
20
30
40
50
60
Gain
Efficiency


Número de pieza similar - SLD-1026Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
   4 Watt Discrete LDMOS FET-Bare Die
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
More results

Descripción similar - SLD-1026Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SLD-2083CZ SIRENZA-SLD-2083CZ Datasheet
278Kb / 6P
   12 Watt Discrete LDMOS FET in Ceramic Package
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
SLD-3091FZ SIRENZA-SLD-3091FZ Datasheet
356Kb / 8P
   30 Watt Discrete LDMOS FET in Ceramic Flanged Package
logo
ON Semiconductor
1PMT5920B ONSEMI-1PMT5920B Datasheet
62Kb / 8P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2003 ??Rev. 0
1PMT5920B ONSEMI-1PMT5920B_05 Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
logo
SIRENZA MICRODEVICES
SLD-2000 SIRENZA-SLD-2000 Datasheet
474Kb / 5P
   12 Watt Discrete LDMOS FET-Bare Die
logo
ON Semiconductor
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
   4 Watt Discrete LDMOS FET-Bare Die
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com