Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC32T245 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC32T245
Descripción Electrónicos  32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC32T245 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC32T245 Datasheet HTML 3Page - Texas Instruments SN74AVC32T245 Datasheet HTML 4Page - Texas Instruments SN74AVC32T245 Datasheet HTML 5Page - Texas Instruments SN74AVC32T245 Datasheet HTML 6Page - Texas Instruments SN74AVC32T245 Datasheet HTML 7Page - Texas Instruments SN74AVC32T245 Datasheet HTML 8Page - Texas Instruments SN74AVC32T245 Datasheet HTML 9Page - Texas Instruments SN74AVC32T245 Datasheet HTML 10Page - Texas Instruments SN74AVC32T245 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC32T245
32-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES553D – MAY 2004 – REVISED JULY 2006
over recommended operating free-air temperature range, V
CCA = 1.2 V (see Figure 11)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
4.1
3.3
3
2.8
3.2
A
B
ns
tPHL
4.1
3.3
3
2.8
3.2
tPLH
4.4
4
3.8
3.6
3.5
B
A
ns
tPHL
4.4
4
3.8
3.6
3.5
tPZH
6.4
6.4
6.4
6.4
6.4
OE
A
ns
tPZL
6.4
6.4
6.4
6.4
6.4
tPZH
6
4.6
4
3.4
3.2
OE
B
ns
tPZL
6
4.6
4
3.4
3.2
tPHZ
6.6
6.6
6.6
6.6
6.8
OE
A
ns
tPLZ
6.6
6.6
6.6
6.6
6.8
tPHZ
6
4.9
4.9
4.2
5.3
OE
B
ns
tPLZ
6
4.9
4.9
4.2
5.3
over recommended operating free-air temperature range, V
CCA = 1.5 V ± 0.1 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
A
B
ns
tPHL
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
tPLH
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
B
A
ns
tPHL
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
tPZH
4.3
1
10.1
1
10.1
1
10.1
1
10.1
OE
A
ns
tPZL
4.3
1
10.1
1
10.1
1
10.1
1
10.1
tPZH
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
OE
B
ns
tPZL
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
tPHZ
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
OE
A
ns
tPLZ
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
tPHZ
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
OE
B
ns
tPLZ
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
7
Submit Documentation Feedback


Número de pieza similar - SN74AVC32T245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI1-SN74AVC32T245 Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
SN74AVC32T245GKE TI1-SN74AVC32T245GKE Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
More results

Descripción similar - SN74AVC32T245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_09 Datasheet
598Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
[Old version datasheet]   32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB324245 TI-SN74AVCB324245 Datasheet
330Kb / 13P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
289Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_09 Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com