Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT244PW Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74HCT244PW
Descripción Electrónicos  Octal buffer/line driver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT244PW Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT244PW Datasheet HTML 1Page - NXP Semiconductors 74HCT244PW Datasheet HTML 2Page - NXP Semiconductors 74HCT244PW Datasheet HTML 3Page - NXP Semiconductors 74HCT244PW Datasheet HTML 4Page - NXP Semiconductors 74HCT244PW Datasheet HTML 5Page - NXP Semiconductors 74HCT244PW Datasheet HTML 6Page - NXP Semiconductors 74HCT244PW Datasheet HTML 7Page - NXP Semiconductors 74HCT244PW Datasheet HTML 8Page - NXP Semiconductors 74HCT244PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74HC244; 74HCT244 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL).
The 74HC244; 74HCT244 has octal non-inverting buffer/line drivers with 3-state outputs.
The 3-state outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on
nOE causes the outputs to assume a high-impedance OFF-state. The 74HC244;
74HCT244 is identical to the 74HC240; 74HCT240 but has non-inverting outputs.
2.
Features
s Octal bus interface
s Non-inverting 3-state outputs
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-C exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
s Multiple package options
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
74HC244; 74HCT244
Octal buffer/line driver; 3-state
Rev. 03 — 22 December 2005
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74HC244
tPHL,
tPLH
propagation delay
nAn to nYn
VCC =5V; CL =15pF
-
9
-
ns
Ci
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
per buffer; VI = GND to
VCC
[1] -35
-
pF
74HCT244
tPHL,
tPLH
propagation delay
nAn to nYn
VCC =5V; CL =15pF
-
11
-
ns
Ci
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
per buffer; VI = GND to
(VCC − 1.5 V)
[1] -35
-
pF


Número de pieza similar - 74HCT244PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT244PW PHILIPS-74HCT244PW Datasheet
39Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74HCT244PW NXP-74HCT244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HCT244PW NXP-74HCT244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HCT244PW PHILIPS-74HCT244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
74HCT244PW PHILIPS-74HCT244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
More results

Descripción similar - 74HCT244PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com