Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMA3016-QFN Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

No. de pieza FMA3016-QFN
Descripción Electrónicos  3.5GHz High Power Amplifier for WiMAX applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FILTRONIC [Filtronic Compound Semiconductors]
Página de inicio  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3016-QFN Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA3016-QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3.5GHz High Power Amplifier for WiMAX applications
1
Preliminary Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Preliminary Datasheet v3.1
FMA3016-QFN
FEATURES:
3.5GHz WiMAX power amplifier
17dB gain
2.5% EVM with 30dBm transmit power
10% PAE with 30dBm transmit power
10W Psat
20 lead air-cavity QFN with Cu lead
frame
GENERAL DESCRIPTION:
FMA3016-QFN is a high power packaged
MMIC
amplifier
for
3.5GHz
WiMAX
applications. This device exhibits 17dB of
gain, has a Psat of greater than 10W and
2.5% EVM with 10% PAE at 30dB transmit
power with a 64 QAM OFDM signal. The
part is packaged in a 20 lead air-cavity QFN
(8x6x1.4mm) with a copper lead frame for
enhanced thermal performance.
FMA3016-QFN EVALUATION BOARD:
TYPICAL APPLICATIONS:
WiMAX
802.16 Broadband wireless
ELECTRICAL SPECIFICATIONS:
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency Range
3.4
3.6
GHz
Gain
17
dB
Gain variation over
temperature
-40 to +85 deg C
Base Plate Temperature
±
1.5
dB
Input Return Loss
12
dB
Output Return Loss
10
dB
EVM @30dBm transmit
power
OFDM signal
2.5
%
PAE @30dBm transmit
power
OFDM signal
9
10
%
Output power at P1dB
CW conditions
38
dBm
Output IP3
CW conditions
50
dBm
ACP @30dBm Pout
7MHz BW, Adjacent Channel Power measured
in a 1MHz BW, offset by 7.5MHz from the
centre frequency
-52
dBc
Noise Figure
10
dB
Stability
Unconditional across all frequencies with
appropriate decoupling networks
VD1, VD2
8
10
V
VG1, VG2
Class AB to obtain optimum linearity
-1.2
-0.5
V
IDS
1.2
A


Número de pieza similar - FMA3016-QFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

Descripción similar - FMA3016-QFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
TGA2703-SM TRIQUINT-TGA2703-SM_15 Datasheet
458Kb / 15P
   3.5GHz WiMAX Driver Power Amplifier
TGA2703-SM TRIQUINT-TGA2703-SM Datasheet
291Kb / 14P
   3.5GHz WiMAX Driver / Power Amplifier
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
California Eastern Labs
UPG2409T6X CEL-UPG2409T6X Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
TriQuint Semiconductor
TGA2702-SM TRIQUINT-TGA2702-SM Datasheet
291Kb / 14P
   2.5GHz WiMAX Driver / Power Amplifier
logo
California Eastern Labs
UPG2409TB CEL-UPG2409TB Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409T6X CEL-UPG2409T6X_09 Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409TB CEL-UPG2409TB_09 Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
Toshiba Semiconductor
2SC1164 TOSHIBA-2SC1164 Datasheet
60Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com