Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD82C88 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza CD82C88
Descripción Electrónicos  CMOS Bus Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD82C88 Datasheet(HTML) 5 Page - Intersil Corporation

  CD82C88 Datasheet HTML 1Page - Intersil Corporation CD82C88 Datasheet HTML 2Page - Intersil Corporation CD82C88 Datasheet HTML 3Page - Intersil Corporation CD82C88 Datasheet HTML 4Page - Intersil Corporation CD82C88 Datasheet HTML 5Page - Intersil Corporation CD82C88 Datasheet HTML 6Page - Intersil Corporation CD82C88 Datasheet HTML 7Page - Intersil Corporation CD82C88 Datasheet HTML 8Page - Intersil Corporation CD82C88 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN2979.2
August 25, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
M82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
CERDIP Package. . . . . . . . . . . . . . . .
75
18
CLCC Package . . . . . . . . . . . . . . . . .
85
22
PDIP Package . . . . . . . . . . . . . . . . . .
75
N/A
PLCC Package. . . . . . . . . . . . . . . . . .
75
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Maximum Junction Temperature
Ceramic Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = 5.0V ± 10%;
TA = 0°C to +70°C (C82C88);
TA = -40°C to +85°C (I82C88);
TA = -55°C to +125°C (M82C88)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
2.2
-
-
V
V
C82C88, I82C88
M82C88
VIL
Logical Zero Input Voltage
-
0.8
V
VIHC
CLK Logical One Input Voltage
VCC -0.8
-
V
VILC
CLK Logical Zero Input Voltage
-
0.8
V
VOH
Output High Voltage
Command Outputs
3.0
VCC -0.4
-V
V
IOH = -8.0mA
IOH = -2.5mA
Output High Voltage
Control Outputs
3.0
VCC -0.4
-V
V
IOH = -4.0mA
IOH = -2.5mA
VOL
Output Low Voltage
Command Outputs
-0.5
V
IOL= +12.0mA
Output Low Voltage
Control Outputs
-0.4
V
IOL = +8.0mA
II
Input Leakage Current
-1.0
1.0
µAVIN = GND or VCC, except S0, S1, S2,
DIP Pins 1-2, 6, 15
IBHH
Input Leakage Current-Status Bus
-50
-300
µAVIN = 2.0V, S0, S1, S2 (See Note 1)
IO
Output Leakage Current
-10.0
10.0
µAVO = GND or VCC, IOB = GND, AEN = VCC,
DIP Pins 7-9, 11-14
ICCSB
Standby Power Supply
-
10
µAVCC = 5.5V, VIN = VCC or GND, Outputs Open
ICCOP
Operating Power Supply Current
-
1
mA/MHz
VCC = 5.5V, Outputs Open (See Note 2)
NOTES:
1. IBHH should be measured after raising the VIN on S0, S1, S2 to VCC and then lowering to valid input high level of 2.0V.
2. ICCOP = 1mA/MHz of CLK cycle time (TCLCL)
Capacitance TA = +25°C
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
10
pF
FREQ = 1MHz, all measurements are
referenced to device GND
COUT
Output Capacitance
17
pF
82C88
82C88


Número de pieza similar - CD82C88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD82C88 INTERSIL-CD82C88 Datasheet
129Kb / 10P
   CMOS Bus Controller
March 1997
More results

Descripción similar - CD82C88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
   CMOS Bus Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
129Kb / 10P
   CMOS Bus Controller
March 1997
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
   CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
OKI electronic componet...
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
   BUS CONTROLLER
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
   Peripheral Bus Controller
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Intel Corporation
82344 INTEL-82344 Datasheet
911Kb / 13P
   ISA BUS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com