Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3016-BS Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI3016-BS
Descripción Electrónicos  3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3016-BS Datasheet(HTML) 5 Page - Silicon Laboratories

  SI3016-BS Datasheet HTML 1Page - Silicon Laboratories SI3016-BS Datasheet HTML 2Page - Silicon Laboratories SI3016-BS Datasheet HTML 3Page - Silicon Laboratories SI3016-BS Datasheet HTML 4Page - Silicon Laboratories SI3016-BS Datasheet HTML 5Page - Silicon Laboratories SI3016-BS Datasheet HTML 6Page - Silicon Laboratories SI3016-BS Datasheet HTML 7Page - Silicon Laboratories SI3016-BS Datasheet HTML 8Page - Silicon Laboratories SI3016-BS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Si3016
Rev. 1.0
5
Figure 1. Test Circuit for Loop Characteristics
Table 2. Loop Characteristics
(TA = 0 to 70 °C for K-Grade and –40 to 85 °C for B-Grade, See Figure 1)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL = 20 mA, ACT = 1
DCT = 11 (CTR21)
——
7.5
V
DC Termination Voltage
VTR
IL = 42 mA, ACT = 1
DCT = 11 (CTR21)
14.5
V
DC Termination Voltage
VTR
IL = 50 mA, ACT = 1
DCT = 11 (CTR21)
——
40
V
DC Termination Voltage
VTR
IL = 60 mA, ACT = 1
DCT = 11 (CTR21)
40
V
DC Termination Voltage
VTR
IL = 20 mA, ACT = 0
DCT = 01 (Japan)
——
6.0
V
DC Termination Voltage
VTR
IL = 100 mA, ACT = 0
DCT = 01 (Japan)
9—
V
DC Termination Voltage
VTR
IL = 20 mA, ACT = 0
DCT = 10 (FCC)
——
7.5
V
DC Termination Voltage
VTR
IL = 100 mA, ACT = 0
DCT = 10 (FCC)
9—
V
DC Termination Voltage
VTR
IL = 15 mA, ACT = 0
DCT = 00 (Low Voltage)
——
5.2
V
On Hook Leakage Current1
ILK
VTR =–48 V
7
µA
Operating Loop Current
ILP
FCC / Japan Modes
13
120
mA
Operating Loop Current
ILP
CTR21 Mode
13
60
mA
DC Ring Current1
dc flowing through ring
detection circuitry
——
7
µA
Ring Detect Voltage2
VRD
RT = 0
11
22
VRMS
Ring Detect Voltage2
VRD
RT = 1
17
33
VRMS
Ring Frequency
FR
15
68
Hz
Ringer Equivalence Number 3
REN
0.2
Notes:
1. R25 and R26 installed.
2. The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected above
the maximum.
3. RZ
= 0. See "4.12. Ringer Impedance" on page 18.
TIP
RING
+
Si3016 VTR
600
Ω
10 µF
I
L


Número de pieza similar - SI3016-BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SI3016-KS TI-SI3016-KS Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
SI3016-KSR TI-SI3016-KSR Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results

Descripción similar - SI3016-BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com