Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MMSZ5221B Datasheet(PDF) 2 Page - Diodes Incorporated

No. de Pieza. MMSZ5221B
Descripción  500mW SURFACE MOUNT ZENER DIODE
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

MMSZ5221B Datasheet(HTML) 2 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS18010 Rev. 18 - 2
2 of 4
MMSZ5221B - MMSZ5259B
www.diodes.com
Type
Number
Type
Code
Zener Voltage Range (Note 4)
Test
Current
Maximum Zener
Impedance (Note 3)
Maximum Reverse
Leakage Current (Note 4)
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
= 0.25mA
IR
@VR
Nom (V)
Min (V)
Max (V)
mA
WmA
V
MMSZ5221B
C1, C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223B
C3, C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225B
C5, C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226B
G1, G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227B
G2, G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228B
G3, G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229B
G4, G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230B
G5, G5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231B
E1, E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232B
E2, E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233B
E3, E3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234B
E4, E4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235B
E5, E5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236B
F1, F1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237B
F2, F2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238B
F3, F3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239B
F4, F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240B
F5, F5
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241B
H1, H1
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242B
H2, H2
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243B
H3, H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245B
H5, H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246B
J1, J1
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248B
J3, J3
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250B
J5, J5
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251B
K1, K1
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252B
K2, K2
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254B
K4, K4
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255B
K5, K5
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256B
M1, M1
30
28.50
31.50
4.2
49
600
0.1
23
MMSZ5257B
M2, M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258B
M3, M3
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259B
M4, M4
39
37.05
40.95
3.2
80
800
0.1
30
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
3. f = 1KHz.
4. Short duration test pulse used to minimize self-heating effect.
* Add “-7-F” to the appropriate type number in Table 1 above example: 6.2V Zener = MMSZ5234B-7-F.
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
(Type Number)-7-F*
SOD-123
3000/Tape & Reel
Ordering Information (Note 5)


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZT52C2V0_1SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BAL99SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated
1N5221B_1500mW EPITAXIAL ZENER DIODE 1 2 3 Diodes Incorporated
RB521S30SURFACE MOUNT SCHOTTKY DIODE 1 2 3 Pan Jit International Inc.
BAT54_SURFACE MOUNT SCHOTTKY BARRIER DIODE 1 2 3 Diodes Incorporated
MMBD4448_SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated
BAS40_SURFACE MOUNT SCHOTTKY BARRIER DIODE 1 2 3 Diodes Incorporated

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn