Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMSZ5221B Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza MMSZ5221B
Descripción Electrónicos  500mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5221B Datasheet(HTML) 4 Page - Diodes Incorporated

  MMSZ5221B_1 Datasheet HTML 1Page - Diodes Incorporated MMSZ5221B_1 Datasheet HTML 2Page - Diodes Incorporated MMSZ5221B_1 Datasheet HTML 3Page - Diodes Incorporated MMSZ5221B_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS18010 Rev. 18 - 2
4 of 4
MMSZ5221B - MMSZ5259B
www.diodes.com
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes incorporated.


Número de pieza similar - MMSZ5221B_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMSZ5221BT1 ONSEMI-MMSZ5221BT1 Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
logo
Motorola, Inc
MMSZ5221BT1 MOTOROLA-MMSZ5221BT1 Datasheet
100Kb / 7P
   Surface Mount Silicon Zener Diodes
logo
ON Semiconductor
MMSZ5221BT1 ONSEMI-MMSZ5221BT1 Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5221BT1G ONSEMI-MMSZ5221BT1G Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5221BT1G ONSEMI-MMSZ5221BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
More results

Descripción similar - MMSZ5221B_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com