Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8405A Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS8405A
Descripción Electrónicos  96 kHz Digital Audio Interface Transmitter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8405A Datasheet HTML 6Page - Cirrus Logic CS8405A Datasheet HTML 7Page - Cirrus Logic CS8405A Datasheet HTML 8Page - Cirrus Logic CS8405A Datasheet HTML 9Page - Cirrus Logic CS8405A Datasheet HTML 10Page - Cirrus Logic CS8405A Datasheet HTML 11Page - Cirrus Logic CS8405A Datasheet HTML 12Page - Cirrus Logic CS8405A Datasheet HTML 13Page - Cirrus Logic CS8405A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CS8405A
10
DS469F2
2.
TYPICAL CONNECTION DIAGRAM
3-wire Serial
Audio Source
ILRCK
ISCLK
SDIN
Clock Source
and Control
OMCK
Hardware
Control
RST
TCBL
To other
CS8405's
Cable
Interface
AES3/
SPDIF
Equipment
TXP
TXN
SDA/CDOUT
AD0/CS
SCL/CCLK
AD1/CDIN
U
INT
VD+
V L+
0.1 F
µ
H/S
DGND
DGND4
0.1 F
µ
AD2
RXP
DGND2
DGND3
NC1
NC2
NC3
NC4
NC5
CS8405A
+3.3 V or +5.0 V
Supply
+5.0 V Supply
Microcontroller
AES3 Data
Source
Figure 5. Recommended Connection Diagram for Software Mode


Número de pieza similar - CS8405A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8405A-CS CIRRUS-CS8405A-CS Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8405A-CZ CIRRUS-CS8405A-CZ Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8405A-IS CIRRUS-CS8405A-IS Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8405A-IZ CIRRUS-CS8405A-IZ Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
More results

Descripción similar - CS8405A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com