Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ICL7663S Datasheet(PDF) 2 Page - Intersil Corporation

No. de Pieza. ICL7663S
Descripción  CMOS Programmable Micropower Positive Voltage Regulator
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo 

ICL7663S Datasheet(HTML) 2 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN3180.5
July 21, 2005
Ordering Information
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG.
#
ICL7663SCBA*
0 to 70
8 Ld SOIC (N)
M8.15
ICL7663SCBAZA*
(See Note)
0 to 70
8 Ld SOIC (N)
(Pb-free)
M8.15
ICL7663SCPA
0 to 70
8 Ld PDIP
E8.3
ICL7663SCPAZ
(See Note)
0 to 70
8 Ld PDIP**
(Pb-free)
E8.3
ICL7663SACBA*
0 to 70
8 Ld SOIC (N)
M8.15
ICL7663SACBAZA*
(See Note)
0 to 70
8 Ld SOIC (N)
(Pb-free)
M8.15
ICL7663SACPA
0 to 70
8 Ld PDIP
E8.3
ICL7663SAIBA
-25 to 85
8 Ld SOIC (N)
M8.15
ICL7663SAIBAZA
(See Note)
-25 to 85
8 Ld SOIC (N)
(Pb-free)
M8.15
*Add “-T” suffix to part number for tape and reel packaging.
**Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ICL7663S


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM29401A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
NCP662100 mA CMOS Low Iq Low-Dropout Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
AS78LXX_07100mA POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LT103810Amp Positive Adjustable Voltage Regulator 1 2 3 4 5 MoreLinear Technology
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn