Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ICL7665S_06 Datasheet(Hoja de datos) 4 Page - Intersil Corporation

No. de Pieza. ICL7665S_06
Descripción  CMOS Micropower Over/Under Voltage Detector
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo 

 
 4 page
background image
4
FN3182.8
April 5, 2006
Output Leakage Currents of
OUT and HYST
IOLK
VSET = 0V or VSET ≥ 2V
-
10
200
nA
IHLK
-
-10
-100
nA
IOLK
V+ = 15V
-
-
2000
nA
IHLK
-
-
-500
nA
Output Saturation Voltages
VOUT1
VSET1 = 2V,
IOUT1 = 2mA
V+ = 2V
-
0.2
0.5
V
V+ = 5V
-
0.1
0.3
V
V+ = 15V
-
0.06
0.2
V
Output Saturation Voltages
VHYST1
VSET1 = 2V,
IHYST1 = -0.5mA
V+ = 2V
-
-0.15
-0.30
V
V+ = 5V
-
-0.05
-0.15
V
V+ = 15V
-
-0.02
-0.10
V
Output Saturation Voltages
VOUT2
VSET2 = 0V,
IOUT2 = 2mA
V+ = 2V
-
0.2
0.5
V
V+ = 5V
-
0.15
0.3
V
V+ = 15V
-
0.11
0.25
V
Output Saturation Voltages
VHYST2
VSET2 = 2V
V+ = 2V, IHYST2 = -0.2mA
-
-0.25
-0.8
V
V+ = 5V, IHYST2 = -0.5mA
-
-0.43
-1.0
V
V+ = 15V, IHYST2 = -0.5mA
-
-0.35
-0.8
V
VSET Input Leakage Current
ISET
GND
≤ VSET ≤ V+
-
0.01
10
nA
∆ Input for Complete Output
Change
∆VSET
ROUT = 4.7kΩ,
RHYST = 20kΩ,
VOUTLO = 1% V+,
VOUTHI = 99% V+
ICL7665S
-
1.0
-
mV
ICL7665SA
-
0.1
-
mV
Difference in Trip Voltages
VSET1 -
VSET2
ROUT, RHYST = 1mW
-
±5
±50
mV
Output/Hysteresis
Difference
ROUT, RHYST = 1mW
ICL7665S
-
±1-
mV
ICL7665SA
-
±0.1
-
mV
NOTES:
3. Derate above 25°C ambient temperature at 4mW/°C.
4. All significant improvements over the industry standard ICL7665 are highlighted.
Electrical Specifications
The specifications below are applicable to both the ICL7665S and ICL7665SA. V+ = 5V, TA = 25°C,
Test Circuit Figure 7. Unless Otherwise Specified
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICL7665S




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
ICL7663S_05CMOS Programmable Micropower Positive Voltage Regulator 1 2 3 4 5 MoreIntersil Corporation
SCI7700YCMOS VOLTAGE DETECTOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ZR4040-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
REF10041.2V and 2.5V Micropower VOLTAGE REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
ADG736LCMOS Low Voltage 2.5 OHM Dual SPDT Switch 1 2 3 4 5 MoreAnalog Devices
CAT15008Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl