Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HI5812 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza HI5812
Descripción Electrónicos  CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5812 Datasheet(HTML) 3 Page - Intersil Corporation

  HI5812_05 Datasheet HTML 1Page - Intersil Corporation HI5812_05 Datasheet HTML 2Page - Intersil Corporation HI5812_05 Datasheet HTML 3Page - Intersil Corporation HI5812_05 Datasheet HTML 4Page - Intersil Corporation HI5812_05 Datasheet HTML 5Page - Intersil Corporation HI5812_05 Datasheet HTML 6Page - Intersil Corporation HI5812_05 Datasheet HTML 7Page - Intersil Corporation HI5812_05 Datasheet HTML 8Page - Intersil Corporation HI5812_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage
VDD to VSS . . . . . . . . . . . . . . . . . . . . (VSS -0.5V) < VDD < +6.5V
VAA+ to VAA- . . . . . . . . . . . . . . . . . . . (VSS -0.5V) to (VSS +6.5V)
VAA+ to VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3V
Analog and Reference Inputs
VIN, VREF+, VREF- . . . . . . . . (VSS -0.3V) < VINA < (VDD +0.3V)
Digital I/O Pins . . . . . . . . . . . . . . . (VSS -0.3V) < VI/O < (VDD +0.3V)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
PDIP Package*. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65οC to 150oC
Maximum Lead Temperature (Soldering, 10s). . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VDD = VAA+ = 5V, VREF+ = +4.608V, VSS = VAA- = VREF- = GND, CLK = External 750kHz,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
25oC
-40oC TO 85oC
UNITS
MIN
TYP
MAX
MIN
MAX
ACCURACY
Resolution
12
-
-
12
-
Bits
Integral Linearity Error, INL
(End Point)
J-
-
±1.5
-
±1.5
LSB
K-
-
±1.0
-
±1.0
LSB
Differential Linearity Error, DNL
J
-
-
±2.0
-
±2.0
LSB
K-
-
±1.0
-
±1.0
LSB
Gain Error, FSE
(Adjustable to Zero)
J-
-
±3.0
-
±3.0
LSB
K-
-
±2.5
-
±2.5
LSB
Offset Error, VOS
(Adjustable to Zero)
J-
-
±2.0
-
±2.0
LSB
K-
-
±1.0
-
±1.0
LSB
Power Supply Rejection, PSRR
Offset Error PSRR
Gain Error PSRR
VREF = 4V
VDD = VAA+ = 5V ±5%
VDD = VAA+ = 5V ±5%
-
±0.1
±0.1
±0.5
±0.5
-
±0.5
±0.5
LSB
LSB
DYNAMIC CHARACTERISTICS
Signal to Noise Ratio, SINAD
RMS Signal
RMS Noise + Distortion
JfS = Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
68.8
69.2
--
-
dB
dB
KfS = Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
71.0
71.5
--
-
dB
dB
Signal to Noise Ratio, SNR
RMS Signal
RMS Noise
JfS = Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
70.5
71.1
--
-
dB
dB
KfS = Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
71.5
72.1
--
-
dB
dB
Total Harmonic Distortion, THD
J
fS = Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
-73.9
-73.8
--
-
dBc
dBc
KfS = Internal Clock, fIN = 1kHz
fS = 750kHz, fIN = 1kHz
-
-80.3
-79.0
--
-
dBc
dBc
HI5812


Número de pieza similar - HI5812_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HI5812JIB INTERSIL-HI5812JIB Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812JIB RENESAS-HI5812JIB Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812JIBZ RENESAS-HI5812JIBZ Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5812JIJ INTERSIL-HI5812JIJ Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812JIP INTERSIL-HI5812JIP Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Descripción similar - HI5812_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com