Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4049UBKNSR Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza CD4049UBKNSR
Descripción Electrónicos  CMOS Hex Buffer/Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBKNSR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD4049UBKNSR Datasheet HTML 3Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 4Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 5Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 6Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 7Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 8Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 9Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 10Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN3315.1
March 6, 2007
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. TYPICAL VOLTAGE TRANSFER
CHARACTERISTICS AS A FUNCTION OF
TEMPERATURE
Typical Performance Characteristics (Continued)
10V
15V
AMBIENT TEMPERATURE (TA) = +25°C
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
0
30
20
10
40
50
60
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
12
34
56
78
70
-15V
AMBIENT TEMPERATURE (TA) = +25°C
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
AMBIENT TEMPERATURE (TA) = +25°C
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
-15V
10
9
8
7
6
5
4
3
2
1
01
2
3
4
5
6
7
8
9
10
INPUT VOLTAGE (VI) (V)
SUPPLY VOLTAGE (VCC) = 10V
AMBIENT TEMPERATURE (TA) = -55°C
VCC = 5V
+125°C
+125°C
-55°C
CD4049UBMS


Número de pieza similar - CD4049UBKNSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD4049UBKTR INTERSIL-CD4049UBKTR Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
More results

Descripción similar - CD4049UBKNSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
   CMOS Hex Buffer/Converter
November 1994
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com