Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AM29LV160B_05 Datasheet(Hoja de datos) 36 Page - Advanced Micro Devices

No. de Pieza. AM29LV160B_05
Descripción  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Descarga  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo 

 36 page
background image
34
Am29LV160B
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 11 for test specifications.
Parameter
Description
Speed Options
JEDEC
Std
Test Setup
-70R
-80
-90
-120
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
70
80
90
120
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
70
80
90
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
70
80
90
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
30
35
50
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
25
25
30
30
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
25
25
30
30
ns
tOEH
Output Enable
Hold Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From Addresses, CE#
or OE#, Whichever Occurs First (Note 1)
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tDF
tOH
21358H-16
Figure 13.
Read Operations Timings




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
S29AL016M_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit™ Technology 1 2 3 4 5 MoreSPANSION
AM29LV800B_038 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory- Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV040B_064 Megabit 512 K x 8-Bit CMOS 3.0 Volt-only Uniform Sector 32-Pin Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F400B_034 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F017D16 Megabit 2 M x 8-Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
CAT28F001_051 Megabit CMOS Boot Block Flash Memory 1 2 3 4 5 MoreCatalyst Semiconductor
AM29F200B_012 Megabit 256 K x 8-Bit/128 K x 16-Bit CMOS 5.0 Volt-only Sectored Flash Memory-Die Revision 1 1 2 3 4 5 MoreAdvanced Micro Devices
HN29WT8001048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory 1 2 3 4 5 MoreHitachi Semiconductor
AT29BV040A4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
M6MGD137W34DWG134 217 728-BIT 8 388 608-WORD BY 16-BIT CMOS FLASH MEMORY & 33 554 432-BIT 2 097 152-WORD BY 16-BIT CMOS MOBILE RAM 1 2 3 Renesas Technology Corp

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl