Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AM29LV160B_05 Datasheet(Hoja de datos) 1 Page - Advanced Micro Devices

No. de Pieza. AM29LV160B_05
Descripción  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Descarga  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo 

 
 1 page
background image
Publication Number 21358
Revision H Amendment 4 Issue Date June 6, 2005
Am29LV160B
Data Sheet
RETIRED
PRODUCT
This product has been retired and is not recommended for designs. For new and current designs,
S29AL016D
supersedes Am29LV160B and is the factory-recommended migration path. Please refer to
the S29AL016D datasheet for specifications and ordering information. Availability of this document is
retained for reference and historical purposes only.
June 2005
The following document specifies Spansion memory products that are now offered by both Advanced
Micro Devices and Fujitsu. Although the document is marked with the name of the company that
originally developed the specification, these products will be offered to customers of both AMD and
Fujitsu.
Continuity of Specifications
There is no change to this datasheet as a result of offering the device as a Spansion product. Any
changes that have been made are the result of normal datasheet improvement and are noted in the
document revision summary, where supported. Future routine revisions will occur when appro-
priate, and changes will be noted in a revision summary.
For More Information
Please contact your local AMD or Fujitsu sales office for additional information about Spansion
memory solutions.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
S29AL016M_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit™ Technology 1 2 3 4 5 MoreSPANSION
AM29LV800B_038 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory- Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV040B_064 Megabit 512 K x 8-Bit CMOS 3.0 Volt-only Uniform Sector 32-Pin Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F400B_034 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F017D16 Megabit 2 M x 8-Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
CAT28F001_051 Megabit CMOS Boot Block Flash Memory 1 2 3 4 5 MoreCatalyst Semiconductor
AM29F200B_012 Megabit 256 K x 8-Bit/128 K x 16-Bit CMOS 5.0 Volt-only Sectored Flash Memory-Die Revision 1 1 2 3 4 5 MoreAdvanced Micro Devices
HN29WT8001048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory 1 2 3 4 5 MoreHitachi Semiconductor
AT29BV040A4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
M6MGD137W34DWG134 217 728-BIT 8 388 608-WORD BY 16-BIT CMOS FLASH MEMORY & 33 554 432-BIT 2 097 152-WORD BY 16-BIT CMOS MOBILE RAM 1 2 3 Renesas Technology Corp