Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PD3SD2580 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de Pieza. PD3SD2580
Descripción  SURFACE MOUNT FAST SWITCHING DIODE
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

PD3SD2580 Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
VBR(R)
80
¾
V
IR = 1
mA
Forward Voltage
VF
¾
¾
¾
¾
¾
¾
0.715
0.72
0.855
0.90
1.0
1.25
V
IF = 1.0mA
IF = 5.0mA
IF = 10mA
IF = 50mA
IF = 100mA
IF = 150mA
Leakage Current (Note 1)
IR
¾
25
30
100
30
50
nA
nA
nA
mA
mA
VR = 20V
VR = 25V
VR = 80V
VR = 25V, Tj = 150
°C
VR = 75V, Tj = 150
°C
Total Capacitance
CT
¾
1.5
1.2
pF
VR = 0, f = 1.0MHz
VR = 0.5V, f = 1MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
RMS Reverse Voltage
VR(RMS)
57
V
Forward Continuous Current
IFM
250
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
3.3
1.0
A
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
260
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
e3
DS30720 Rev. 7 - 2
1 of 4
PD3SD2580
www.diodes.com
ã Diodes Incorporated
PD3SD2580
SURFACE MOUNT FAST SWITCHING DIODE
PowerDI ä323
Features
·
Case: Power DI
ä323
·
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Leads: Matte Tin Finish annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Date Code and Type Code, See Page 3
·
Weight: 0.005 grams (approximate)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Short duration test pulse used to minimize self-heating.
2. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Electrical Characteristics
·
Fast Switching Speed
·
Lead Free Finish/RoHS Compliant (Note 3)
·
"Green" Molding Compound (No Br, Sb) (Note 4)
·
Qualified to AEC-Q101 Standards for High Reliability
BOTTOM VIEW
TOP VIEW


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MMBD4148W_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
MMBD4448HCQW_1SURFACE MOUNT FAST SWITCHING DIODE ARRAY 1 2 3 4 Diodes Incorporated
MMBD4448W_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
MMBD4148TW_1SURFACE MOUNT FAST SWITCHING DIODE ARRAY 1 2 3 Diodes Incorporated
MMBD4448HT_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
1N4448WS_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
BAS21T_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
1N4148WS_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
MMBD4448VSURFACE MOUNT FAST SWITCHING DIODE 1 2 Diodes Incorporated
1N4448W_FAST SWITCHING SURFACE MOUNT DIODE 1 2 3 Diodes Incorporated

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn